Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3750 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3750
Description  2-Cell Supercapacitor Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3750 Datasheet(HTML) 4 Page - Linear Technology

  LT3750 Datasheet HTML 1Page - Linear Technology LT3750 Datasheet HTML 2Page - Linear Technology LT3750 Datasheet HTML 3Page - Linear Technology LT3750 Datasheet HTML 4Page - Linear Technology LT3750 Datasheet HTML 5Page - Linear Technology LT3750 Datasheet HTML 6Page - Linear Technology LT3750 Datasheet HTML 7Page - Linear Technology LT3750 Datasheet HTML 8Page - Linear Technology LT3750 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3226
4
3226fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 3). VIN = 3.3V, VCPO = 5V, VOUT = 3.3V, VMID = 1/2 VCPO
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LDO
Minimum CPO Voltage for LDO Operation
2.4
V
VLDO_FB
LDO FB Servo Voltage
IVOUT = 1mA
l
0.76
0.8
0.82
V
Load Regulation ΔVLDO_FB/ΔIOUT
1mA < IVOUT < 2A
2.7
mV/A
LDO FET RDS(ON)
VCPO = 3.6V
200
mΩ
ILDO_FB(LEAK) LDO_FB Input Leakage Current
VLDO_FB = 0.9V
l
–60
60
nA
ILIM
LDO Current Limit
24
A
RST_FB, RST
VRST_FB(TH)
RST_FB Threshold (Falling Edge)
l
0.72
0.74
0.76
V
VRST_FB(HYS) RST_FB Hysteresis
20
mV
IRST_FB(LEAK) RST_FB Input Leakage Current
VRST_FB = 0.9V
l
–50
50
nA
RST Output Low Voltage
ISINK = 5mA
65
mV
RST High Impedance Leakage Current
VRST = 5V
l
1μA
RST Delay (RST_FB Rising)
290
ms
Power-Fail Comparator
VPFI(TH)
PFI Input Threshold (Falling Edge)
l
1.175
1.2
1.225
V
VPFI(HYS)
PFI input Hysteresis
20
mV
IPFI(LEAK)
PFI Input Leakage Current
VPFI = 0.5V
l
–50
50
nA
PFO Output Low Voltage
ISINK = 5mA
65
mV
IPFO(LEAK)
PFO High Impedance Leakage Current
VPFO = 5V
l
1μA
PFI Delay to PFO (PFI Falling)
0.5
μs
EN_CHG
VIH
Input High Voltage
l
1.3
V
VIL
Input Low Voltage
l
0.4
V
IIH
Input High Current
l
–1
1
μA
IIL
Input Low Current
l
–1
1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much greater than
58.7°C/W.
Note 3: The LTC3226 is tested under pulsed load conditions such that TA ≈ TJ.
The LTC3226E is guaranteed to meet specifications from 0°C to 85°C
junction temperature. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3226I is guaranteed
over the full –40°C to 125°C operating junction temperature range. The
junction temperature, TJ, is calculated from the ambient temperature, TA,
and power dissipation, PD, according to the formula:
TJ = TA + (PD • 58.7°C/W)
Note that the maximum ambient temperature consistent with these
specifications is determined by specific operating conditions in
conjunction with board layout, the rated thermal package thermal
resistance and the environmental factor.
Note 4: Output not in regulation; ROL = (2 • VIN – VCPO)/ICPO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com