Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2913
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2995
7
2995f
PIN FUNCTIONS
D+: Diode Sense Current Source. D+ sources the remote
diode sensing current. Connect D+ to the anode of the re-
mote sensor device. It is recommended to connect a 470pF
bypass capacitor between D+ and D–. Larger capacitors
may cause settling time errors (see Typical Performance
Characteristics). If D+ is tied to VCC, the LTC2995 measures
the internal sensor temperature. Tie D+ to VCC if unused.
D–:
Diode Sense Current Sink. Connect D– to the cathode
of the remote sensor device. Tie D– to GND for single
wire remote temperature measurement (see Applications
Information) or internal temperature sensing.
DS: Diode Select Input. Three state pin that selects tem-
perature sensor location. Tie DS to VCC to monitor the
temperature of the internal diode or to GND to monitor the
temperature of the external diode. When DS is left uncon-
nected, the LTC2995 monitors both sensors alternately.
If D+ is tied to VCC, the LTC2995 measures the internal
sensor temperature regardless of the state of DS.
Exposed Pad: Exposed pad may be left open or soldered
to GND for better thermal coupling.
GND: Device Ground
OV: Overvoltage Logic Output. Open drain logic output
that pulls to GND when either the voltage at VL1 or VL2
is above 0.5V. Held low for a programmable delay time
set by the capacitor connected to pin TMR. OV has a weak
400kΩ pull-up to VCC and may be pulled above VCC using
an external pull-up. Leave OV open if unused.
PS: Polarity Select Input. Selects the polarity of tempera-
ture thresholds VT1 and VT2. Connect PS to VCC to config-
ure VT1 as undertemperature and VT2 as overtemperature
threshold. Leave PS unconnected to configure both VT1
and VT2 as overtemperature thresholds. Connect PS to
GND to configure both VT1 and VT2 as undertemperature
thresholds. Tie to VCCiftemperaturethresholdsareunused.
TMR: Reset Delay Timer. Attach an external capacitor
(CTMR) to GND to set the delay time until alerts on TO1,
TO2, UV and OV are reset. Leaving the pin open generates
a minimum delay of 500μs. Capacitance on this pin adds
an additional 8ms/nF reset delay time. Tie TMR to VCC to
bypass the timer.
TO1: Temperature Logic Output 1. Open drain logic output
that pulls to GND when VPTAT crosses the threshold voltage
on pin VT1 with a polarity set by the PS pin (see Table 3
in Applications Information). When VPTAT crosses the
threshold voltage on pin VT1 with opposite polarity, an
additional hysteresis of 20mV is required to release TO1
high after a delay adjustable by the capacitor on TMR. TO1
has a weak 400kΩ pull-up to VCC and may be pulled above
VCC using an external pull-up. Leave TO1 open if unused.
TO2: Temperature Logic Output 2. Open drain logic output
that pulls to GND when VPTAT crosses the threshold voltage
on pin VT2 with a polarity set by the PS pin (see Table 3
in Applications Information). When VPTAT crosses the
threshold voltage on pin VT2 with opposite polarity, an
additional hysteresis of 20mV is required to release TO2
high after a delay adjustable by the capacitor on TMR. TO2
has a weak 400kΩ pull-up to VCC and may be pulled above
VCC using an external pull-up. Leave TO2 open if unused.
UV: Undervoltage Logic Output. Open drain logic output
that pulls to GND when either the voltage at VH1 or VH2
is below 0.5V. Held low for an adjustable delay time set
by the capacitor connected to pin TMR. UV has a weak
400kΩ pull-up to VCC and may be pulled above VCC using
an external pull-up. Leave pin open if unused.
VCC: Supply Voltage. Bypass this pin to GND with a 0.1μF
(or greater) capacitor. VCC operating range is 2.25V to 5.5V.
VH1, VH2: Voltage High Inputs 1 and 2. When the voltage
on either pin is below 0.5V, an undervoltage condition is
triggered. Tie pin to VCC if unused.
VL1, VL2: Voltage Low Inputs 1 and 2. When the voltage
on either pin is above 0.5V, an overvoltage condition is
triggered. Tie pin to GND if unused.
VPTAT: Proportional to Absolute Temperature Voltage
Output. The voltage on this pin is proportional to the
selected sensor’s absolute temperature. An internal or
external sensor is chosen with the DS pin. VPTAT can
drive up to ±200μA of load current and up to 1000pF of
capacitive load. For larger load capacitances insert a 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com