Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2913
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2995
13
2995f
D+
DS
D
1.2V
200k
400k
1.8V
VCC
VREF
RTC
VT2
VT1
VCC
VPTAT
PS
TO2
TO1
3.3V
LTC2995
2995 F06
OT ALARM
OT WARNING
RTB
RTA
GND
+
TO1/TO2
PULSE
GENERATOR
UVLO
VCC
400k
VCC
400k
T/V
Figure 5. Temperature Thresholds
Figure 6. Monitoring Internal Temperature with Two Overtemperature Thresholds
APPLICATIONS INFORMATION
Temperature Thresholds
The threshold voltages at VT1 and VT2 can be set with
the 1.8V reference voltage (VREF) and a resistive divider
as shown in Figure 5.
The following design procedure can be used to size the
resistive divider.
1. Calculate Threshold Voltages:
VT1
= T1• 4
mV
K
ηACT
1.004
VT2
= T2 • 4
mV
K
ηACT
1.004
where
ηACT denotes the actual ideality factor if an external
sensor is used and T1 and T2 are the desired threshold
temperatures in degrees Kelvin.
2. Choose RTA to obtain the desired VT1 threshold for
a desired current through the resistive divider
(IREF):
RTA =
VT1
IREF
3. Choose RTB to obtain the desired VT2 threshold:
RTB =
VT2 – VT1
IREF
2995 F05
VPTAT
RTC
RTB
RTA
VREF = 1.8V
1.8V
SLOPE =
ACT
η
O
T
200k
T1
T2
VT2
VT1
O.8V
K
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com