Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2913
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 1 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2995
1
2995f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Temperature Sensor and
Dual Voltage Monitor with
Alert Outputs
The LTC®2995 is a high accuracy temperature sensor
and dual supply monitor. It converts the temperature of
an external diode sensor and/or its own die temperature
to an analog output voltage while rejecting errors due to
noise and series resistance. Two supply voltages and the
measured temperature are compared against upper and
lower limits set with resistive dividers. If a threshold is
exceeded, the device communicates an alert by pulling
low the correspondent open drain logic output.
The LTC2995 gives ±1°C accurate temperature results
using commonly available NPN or PNP transistors or
temperature diodes built into modern digital devices. Volt-
ages are monitored with 1.5% accuracy. A 1.8V reference
output simplifies threshold programming and can be used
as an ADC reference input.
The LTC2995 provides an accurate, low power solution for
temperature and voltage monitoring in a compact 3mm ×
3mm QFN package.
Dual OV/UV Supply and Single OT/UT Remote Temperature Monitor
APPLICATIONS
n Monitors Temperature and Two Voltages
n Voltage Output Proportional to Temperature
n Adjustable Thresholds for Temperature and Voltage
n ±1°C Remote Temperature Accuracy
n ±2°C Internal Temperature Accuracy
n ±1.5% Voltage Threshold Accuracy
n 3.5ms Update Time
n 2.25V to 5.5V Supply Voltage
n Input Glitch Rejection
n Adjustable Reset Timeout
n 220μA Quiescent Current
n Open Drain Alert Outputs
n Available in 3mm × 3mm QFN Package
n Network Servers
n Core, I/O Voltage Monitors
n Desktop and Notebook Computers
n Environmental Monitoring
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
VPTAT vs Remote
Diode Temperature
REMOTE DIODE TEMPERATURE (°C)
–50
0.8
1.0
1.2
1.4
050
100
150
2995 TA01b
1.6
1.8
–25
25
75
125
VCC
PS
DS
VH1
VL1
VH2
VL2
VPTAT
TO2
TO1
OV
UV
D+
D
LTC2995
2.5V
1.2V
0.1μF
64.4k
10.2k
45.3k
2995 TA01a
VT1
VT2
GND
TMR
VREF
20k
20k
140k
470pF
TEMPERATURE
SENSOR
ASIC
SYSTEM
MONITOR
OT T > 125°C
4mV/K
UT T < 75°C
+10%
–10%
45.3k
10.2k
194k
5nF


Similar Part No. - LTC2913

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
173Kb / 16P
Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2913 LINER-LTC2913 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC2913 LINER-LTC2913 Datasheet
291Kb / 24P
High Voltage Surge
LTC2913 LINER-LTC2913 Datasheet
248Kb / 16P
36V Nano-Current Two Input Voltage Monitor
More results

Similar Description - LTC2913

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
NXP Semiconductors
NE1619 PHILIPS-NE1619 Datasheet
167Kb / 2P
Temperature and voltage monitor
August 2008
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
9/06-Revision 0
logo
List of Unclassifed Man...
ASC7531A ETC2-ASC7531A Datasheet
308Kb / 18P
LOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR
logo
ON Semiconductor
ADT7485A ONSEMI-ADT7485A Datasheet
341Kb / 12P
Temperature Sensor and Voltage Monitor with Simple Serial Transport
April, 2010 ??Rev. 3
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
I2C Temperature, Voltage and Current Monitor
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
LTC2995 LINER-LTC2995_15 Datasheet
233Kb / 20P
Temperature Sensor and Dual Voltage Monitor with Alert Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com