Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2913
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC2995
11
2995f
D+
D–
470pF
LTC2995
2N3904
2995 F02
GND
APPLICATIONS INFORMATION
Leakage currents at D+ affect the precision of the remote
temperature measurements. 100nA leakage current leads
to an additional error of 2°C (see Typical Performance
Characteristics).
Note that bypass capacitors greater than 1nF will cause
settling time errors in the different measurement cur-
rents and therefore introduce an error in the temperature
measurement (see Typical Performance Characteristics).
The LTC2995 compensates series resistance in the
measurement path and thereby allows accurate remote
temperature measurements even with several meters of
distance between the sensor and the device. The cable
length between the sensor and the LTC2995 is only limited
by the mutual capacitance introduced between D+ and
D– which degrades measurement accuracy (see Typical
Performance Characteristics).
For example an AT6 cable with 50pF/m should be kept
shorter than ~20m to keep the capacitance less than 1nF.
To save wiring, the cathode of the remote sensor can
also be connected to remote GND and D– to local GND
as shown below.
components. Noise around odd multiples of 6kHz (±20%)is
amplified by the measurement algorithm and converted at
a DC offset in the temperature measurement (see Typical
Performance Characteristics).
The LTC2995 can withstand up to ±4kV of electrostatic
discharge (ESD, human body). ESD beyond this voltage
can damage or degrade the device including lowering the
remote sensor measurement accuracy due to increased
leakage currents on D+ or D–.
To protect the sensing inputs against larger ESD strikes,
external protection can be added using TVS diodes to
ground (Figure 3). Care must be taken to choose diodes
with low capacitance and low leakage currents in order
not to degrade the external sensor measurement accuracy
(see Typical Performance Characteristics curves).
The temperature measurement of the LTC2995 relies only
on differences between the diode voltage at multiple test
circuits. Therefore DC offsets smaller than 300mV between
remote and local GND do not impact the precision of the
temperature measurement. The cathode of the sensor
can accommodate modest ground shifts across a system
which is beneficial in applications where a good thermal
connectivity of the sensor to a device whose temperature
is to be monitored (shunt resistor, coil, etc.) is required.
Care must be taken if the potential difference between
the cathode and D– does not only content DC but also AC
Figure 2. Single Wire Remote Temperature Sensing
Figure 3. Increasing ESD Robustness with TVS Diodes
To make the connection of the cable to the IC polarity
insensitive during installation, two sensor transistors
with opposite polarity at the end of a two wire cable can
be used as shown on Figure 4.
Again, care must be taken that the leakage current of the
second transistor does not degrade the measurement
accuracy.
Figure 4. Polarity Insensitive Remote Diode Sensor
D+
D–
220pF
10Ω
LTC2995
MMBT3904
PESD5Z6.0
2995 F03
GND
10Ω
D+
D–
LTC2995
MMBT3904
470pF
2995 F04
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com