Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2913
Description  Temperature Sensor and Dual Voltage Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 2 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC2995
2
2995f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Notes 1, 2)
20 19 18 17 16
7
8
TOP VIEW
21
UD PACKAGE
20-LEAD (3mm
× 3mm) PLASTIC QFN
9 10
VL1
VH2
VL2
VT2
VT1
UV
OV
TO2
T01
VREF
12
11
13
14
15
4
5
3
2
1
6
TJMAX = 150°C, θJA = 59°C/W
EXPOSED PAD PCB GROUND CONNECTED OPTIONAL
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.25
5.5
V
UVLO
Supply Undervoltage Lockout Threshold
VCC Falling
l
1.7
1.9
2.1
V
ICC
Average Supply Current
l
220
300
μA
Temperature Measurement
VREF
Reference Voltage
LTC2995
LTC2995C
LTC2995I
LTC2995H
l
l
l
1.797
1.793
1.790
1.787
1.8
1.8
1.8
1.8
1.803
1.804
1.807
1.808
V
V
V
V
VREF Load Regulation
ILOAD = ±200μA
l
±1.5
mV
Remote Diode Sense Current
–8
–192
μA
ORDER INFORMATION
VCC .............................................................. –0.3V to 6V
TMR, D+, D, DS, PS, VPTAT, VREF........ –0.3V to VCC + 0.3V
UV, OV, TO1, T02 .......................................... –0.3V to 6V
VH1, VL1, VH2, VL2, VT1, VT2..................... –0.3V to 6V
Operating Ambient Temperature Range
LTC2995C ................................................ 0°C to 70°C
LTC2995I ............................................. –40°C to 85°C
LTC 2995H......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2995CUD#PBF
LTC2995CUD#TRPBF
LFQV
20-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC2995IUD#PBF
LTC2995IUD#TRPBF
LFQV
20-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC2995HUD#PBF
LTC2995HUD#TRPBF
LFQV
20-Lead (3mm
× 3mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.3V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com