Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3104 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3104
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3104 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3104 Datasheet HTML 6Page - Linear Technology LTC3104 Datasheet HTML 7Page - Linear Technology LTC3104 Datasheet HTML 8Page - Linear Technology LTC3104 Datasheet HTML 9Page - Linear Technology LTC3104 Datasheet HTML 10Page - Linear Technology LTC3104 Datasheet HTML 11Page - Linear Technology LTC3104 Datasheet HTML 12Page - Linear Technology LTC3104 Datasheet HTML 13Page - Linear Technology LTC3104 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTC3630
10
3630fb
An internal 0.8ms soft-start function limits the ramp rate
of the output voltage on start-up to prevent excessive input
supply droop. If a longer ramp time and consequently less
supply droop is desired, a capacitor can be placed from
the SS pin to ground. The 5μA current that is sourced
out of this pin will create a smooth voltage ramp on the
capacitor. If this ramp rate is slower than the internal
0.8ms soft-start, then the output voltage will be limited
by the ramp rate on the SS pin instead. The internal and
external soft-start functions are reset on start-up and after
an undervoltage event on the input supply.
The peak inductor current is not limited by the internal or
external soft-start functions; however, placing a capacitor
from the ISET pin to ground does provide this capability.
Peak Inductor Current Programming
The peak current comparator nominally limits the peak
inductor current to 1.2A. This peak inductor current can
be adjusted by placing a resistor from the ISET pin to
ground. The 5μA current sourced out of this pin through
the resistor generates a voltage that adjusts the peak cur-
rent comparator threshold.
During sleep mode, the current sourced out of the ISET pin
is reduced to 1μA. The ISET current is increased back to 5μA
on the first switching cycle after exiting sleep mode. The
ISET current reduction in sleep mode, along with adding
a filtering capacitor, CISET, from the ISET pin to ground,
provides a method of reducing light load output voltage
ripple at the expense of lower efficiency and slightly de-
graded load step transient response.
For applications requiring higher output current, the
LTC3630 provides a feedback comparator output pin (FBO)
for combining the output current of multiple LTC3630s. By
connecting the FBO pin of a “master” LTC3630 to the VFB
pin of one or more “slave” LTC3630s, the output currents
can be combined to source much more than 500mA.
OPERATION
Dropout Operation
When the input supply decreases toward the output sup-
ply, the duty cycle increases to maintain regulation. The
P-channel MOSFET top switch in the LTC3630 allows the
duty cycle to increase all the way to 100%. At 100% duty
cycle, the P-channel MOSFET stays on continuously, pro-
viding output current equal to the peak current, which can
be greater than 1A. The power dissipation of the LTC3630
can increase dramatically during dropout operation espe-
cially at input voltages less than 10V. The increased power
dissipation is due to higher potential output current and
increased P-channel MOSFET on-resistance. See the Ther-
mal Considerations section of the Applications Information
for a detailed example.
Input Voltage and Overtemperature Protection
When using the LTC3630, care must be taken not to
exceed any of the ratings specified in the Absolute Maxi-
mum Ratings section. As an added safeguard, however,
the LTC3630 incorporates an overtemperature shutdown
feature. If the junction temperature reaches approximately
180°C, the LTC3630 will enter thermal shutdown mode.
Both power switches will be turned off and the SW node
will become high impedance. After the part has cooled
below 160°C, it will restart. The overtemperature level is
not production tested.
The LTC3630 can provide a programmable undervoltage
lockout which can also serve as a precise input voltage
monitor by using a resistive divider from VIN to GND with
the tap connected to the RUN pin. Switching is enabled
when the RUN pin voltage exceeds 1.21V and is disabled
when dropping below 1.1V. Pulling the RUN pin below
700mV forces a low quiescent current shutdown (5μA).
Furthermore, if the input voltage falls below 3.5V typi-
cal (3.7V maximum), an internal undervoltage detector
disables switching.
When switching is disabled, the LTC3630 can safely sus-
tain input voltages up to the absolute maximum rating of
70V. Input supply undervoltage events trigger a soft-start
reset, which results in a graceful recovery from an input
supply transient.
(Refer to Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com