Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3104 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3104
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3104 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3104 Datasheet HTML 8Page - Linear Technology LTC3104 Datasheet HTML 9Page - Linear Technology LTC3104 Datasheet HTML 10Page - Linear Technology LTC3104 Datasheet HTML 11Page - Linear Technology LTC3104 Datasheet HTML 12Page - Linear Technology LTC3104 Datasheet HTML 13Page - Linear Technology LTC3104 Datasheet HTML 14Page - Linear Technology LTC3104 Datasheet HTML 15Page - Linear Technology LTC3104 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC3630
12
3630fb
APPLICATIONS INFORMATION
well-controlled, the inductor value must be chosen so that
it is larger than a minimum value which can be computed
as follows:
L
>
VIN(MAX) •tON(MIN)
IPEAK
•1.2
where VIN(MAX) is the maximum input supply voltage when
switching is enabled, tON(MIN) is 150ns, IPEAK is the peak
current, and the factor of 1.2 accounts for typical inductor
tolerance and variation over temperature. Inductor values
that violate the above equation will cause the peak current
to overshoot and permanent damage to the part may occur.
Although the above equation provides the minimum in-
ductor value, higher efficiency is generally achieved with
a larger inductor value, which produces a lower switching
frequency. The inductor value chosen should also be large
enough to keep the inductor current from going very nega-
tive which is more of a concern at higher VOUT (>~12V). For
a given inductor type, however, as inductance is increased,
DC resistance (DCR) also increases. Higher DCR trans-
lates into higher copper losses and lower current rating,
both of which place an upper limit on the inductance. The
recommended range of inductor values for small surface
mount inductors as a function of peak current is shown
in Figure 4. The values in this range are a good compromise
between the trade-offs discussed above. For applications
where board area is not a limiting factor, inductors with
larger cores can be used, which extends the recommended
range of Figure 4 to larger values.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of the more expensive ferrite cores. Actual
core loss is independent of core size for a fixed inductor
value but is very dependent of the inductance selected.
As the inductance increases, core losses decrease. Un-
fortunately, increased inductance requires more turns of
wire and therefore copper losses will increase.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing satura-
tion. Ferrite core material saturates “hard,” which means
that inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current and consequently output voltage
ripple. Do not allow the core to saturate!
Figure 4. Recommended Inductor Values for Maximum Efficiency
Figure 3. Switching Frequency for VOUT = 3.3V
VIN INPUT VOLTAGE (V)
0
400
500
600
60
3630 F03
300
200
0
10
20
30
40
50
100
VOUT = 3.3V
ISET OPEN
L = 4.2μH
L = 10μH
L = 22μH
L = 47μH
L = 100μH
PEAK INDUCTOR CURRENT (mA)
100
10
100
1000
1000
3630 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com