Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3104 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3104
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3104 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3104 Datasheet HTML 11Page - Linear Technology LTC3104 Datasheet HTML 12Page - Linear Technology LTC3104 Datasheet HTML 13Page - Linear Technology LTC3104 Datasheet HTML 14Page - Linear Technology LTC3104 Datasheet HTML 15Page - Linear Technology LTC3104 Datasheet HTML 16Page - Linear Technology LTC3104 Datasheet HTML 17Page - Linear Technology LTC3104 Datasheet HTML 18Page - Linear Technology LTC3104 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTC3630
15
3630fb
APPLICATIONS INFORMATION
The resistive divider allows the VFB pin to sense a fraction
of the output voltage as shown in Figure 6. The output
voltage can range from 0.8V to VIN. Be careful to keep the
divider resistors very close to the VFB pin to minimize the
trace length and noise pick-up on the sensitive VFB signal.
RUN Pin and External Input Undervoltage Lockout
The RUN pin has two different threshold voltage levels.
Pulling the RUN pin below 0.7V puts the LTC3630 into a
low quiescent current shutdown mode (IQ ~ 5μA). When
the RUN pin is greater than 1.21V, the controller is enabled.
Figure 8 shows examples of configurations for driving the
RUN pin from logic.
VFB
VOUT
R2
3630 F06
0.8V
R1
VPRG1
VPRG2
LTC3630
Figure 6. Setting the Output Voltage with External Resistors
4.2M
R1
5V
R2
3630 F07
VOUT
800k
0.8V
VFB
SS
VPRG1
VPRG2
LTC3630
Figure 7. Setting the Output Voltage with
External and Internal Resistors
RUN
SUPPLY
LTC3630
RUN
3630 F08
LTC3630
Figure 8. RUN Pin Interface to Logic
Figure 9. Adjustable UV Lockout
RUN
5V
2M
SLEEP, ACTIVE: 2μA
SHUTDOWN: 0μA
3630 F09
R3
VIN
LTC3630
R4
To minimize the no-load supply current, resistor values in
the megohm range may be used; however, large resistor
values should be used with caution. The feedback divider
is the only load current when in shutdown. If PCB leakage
current to the output node or switch node exceeds the load
current, the output voltage will be pulled up. In normal
operation, this is generally a minor concern since the load
current is much greater than the leakage.
To avoid excessively large values of R1 in high output volt-
age applications (VOUT ≥ 10V), a combination of external
and internal resistors can be used to set the output volt-
age. This has an additional benefit of increasing the noise
immunity on the VFB pin. Figure 7 shows the LTC3630
with the VFB pin configured for a 5V fixed output with an
external divider to generate a higher output voltage. The
internal 5M resistance appears in parallel with R2, and the
value of R2 must be adjusted accordingly. R2 should be
chosen to be less than 200k to keep the output voltage
variation less than 1% due to the tolerance of the LTC3630’s
internal resistor.
The RUN pin can alternatively be configured as a precise
undervoltage (UVLO) lockout on the VIN supply with a
resistive divider from VIN to ground. A simple resistive
divider can be used as shown in Figure 9 to meet specific
VIN voltage requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com