Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3104 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3104
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3104 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3104 Datasheet HTML 13Page - Linear Technology LTC3104 Datasheet HTML 14Page - Linear Technology LTC3104 Datasheet HTML 15Page - Linear Technology LTC3104 Datasheet HTML 16Page - Linear Technology LTC3104 Datasheet HTML 17Page - Linear Technology LTC3104 Datasheet HTML 18Page - Linear Technology LTC3104 Datasheet HTML 19Page - Linear Technology LTC3104 Datasheet HTML 20Page - Linear Technology LTC3104 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC3630
17
3630fb
APPLICATIONS INFORMATION
Higher Current Applications
For applications that require more than 500mA, the
LTC3630 provides a feedback comparator output pin
(FBO) for driving additional LTC3630s. When the FBO pin
of a “master” LTC3630 is connected to the VFB pin of one
or more “slave” LTC3630s, the master controls the burst
cycle of the slaves.
Figure 10 shows an example of a 5V, 1A regulator using
two LTC3630s. The master is configured for a 5V fixed
output with external soft-start and the VIN UVLO level is
set by the RUN pin. Since the slaves are directly controlled
by the master, the SS pin of the slave should have minimal
capacitance and the RUN pin of the slave should be floating.
Furthermore, slaves should be configured for a 1.8V fixed
output (VPRG1 = VPRG2 = SS) to set the VFB pin threshold at
1.8V. The inductors L1 and L2 do not necessarily have to
be the same, but should both meet the criteria described
above in the Inductor Selection section.
Efficiency Considerations
The efficiency of a switching regulator is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of
the losses: VIN operating current and I2R losses. The VIN
operating current dominates the efficiency loss at very
low load currents whereas the I2R loss dominates the
efficiency loss at medium to high load currents.
1. The VIN operating current comprises two components:
The DC supply current as given in the electrical charac-
teristics and the internal MOSFET gate charge currents.
The gate charge current results from switching the gate
capacitance of the internal power MOSFET switches.
Each time the gate is switched from high to low to
high again, a packet of charge, ΔQ, moves from VIN to
ground. The resulting ΔQ/dt is the current out of VIN
that is typically larger than the DC bias current.
2. I2R losses are calculated from the resistances of the
internal switches, RSW and external inductor RL. When
switching, the average output current flowing through
the inductor is “chopped” between the high side PMOS
switch and the low side NMOS switch. Thus, the series
resistance looking back into the switch pin is a function
of the top and bottom switch RDS(ON) values and the
duty cycle (DC = VOUT/VIN) as follows:
RSW = (RDS(ON)TOP)DC + (RDS(ON)BOT) • (1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteris-
tics curves. Thus, to obtain the I2R losses, simply add
VFB
SW
L1
L2
VIN
RUN
R3
CIN
COUT
VOUT
5V
1A
CSS
VIN
R4
SS
VPRG1
VPRG2
FBO
LTC3630
(MASTER)
SW
VFB
VIN
RUN
SS
VPRG1
VPRG2
FBO
3630 F10
LTC3630
(SLAVE)
ISET
ISET
Figure 10. 5V, 1A Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com