Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3104 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3104
Description  High Efficiency, 65V 500mA Synchronous
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3104 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3104 Datasheet HTML 15Page - Linear Technology LTC3104 Datasheet HTML 16Page - Linear Technology LTC3104 Datasheet HTML 17Page - Linear Technology LTC3104 Datasheet HTML 18Page - Linear Technology LTC3104 Datasheet HTML 19Page - Linear Technology LTC3104 Datasheet HTML 20Page - Linear Technology LTC3104 Datasheet HTML 21Page - Linear Technology LTC3104 Datasheet HTML 22Page - Linear Technology LTC3104 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTC3630
19
3630fb
APPLICATIONS INFORMATION
The value of CIN is selected to keep the input from droop-
ing less than 240mV (1%):
CIN >
10μH • 1.2A2
2 • 24V • 240mV
≅ 2.2μF
COUT will be selected based on a value large enough to
satisfy the output voltage ripple requirement. For a 50mV
output ripple, the value of the output capacitor can be
calculated from:
COUT >
10μH • 1.2A2
2 • 3.3V • 50mV
≅ 47μF
COUT also needs an ESR that will satisfy the output voltage
ripple requirement. The required ESR can be calculated
from:
ESR
<
50mV
1.2A
≅ 40mΩ
A 47μF ceramic capacitor has significantly less ESR than
40mΩ.
Since an output voltage of 3.3V is one of the standard
output configurations, the LTC3630 can be configured
by connecting VPRG1 to ground and VPRG2 to the SS pin.
The undervoltage lockout requirement on VIN can be satis-
fied with a resistive divider from VIN to the RUN pin (refer
to Figure 9). Calculate R3 and R4 as follows:
R3
= 200k whichis ≤
12V
40μA
R4
=
200k • 1.21V
12V – 1.21V
+200k • 4μA
= 20.9k
Choose standard values for R3 = 200k, R4 = 21k. Note
that the VIN falling threshold will be 10% less than the
rising threshold or 11V.
Since the maximum VIN is more than 4.5x the UVLO thresh-
old, a 4.7V Zener diode in parallel with R4 is required to
keep the maximum voltage on the RUN pin less than the
absolute maximum of 6V.
VFB
SW
10μH
VIN
RUN
200k
2.2μF
47μF
VOUT
3.3V
500mA
VIN
24V
21k
4.7V
3630 F11
SS
VPRG2
VPRG1
FBO
ISET
GND
LTC3630
Figure 11. 24V to 3.3V, 500mA Regulator at 200kHz
The ISET pin should be left open in this example to select
maximum peak current (1.2A typical). Figure 11 shows a
complete schematic for this design example.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3630. Check the following in your layout:
1. Large switched currents flow in the power switches
and input capacitor. The loop formed by these compo-
nents should be as small as possible. A ground plane
is recommended to minimize ground impedance.
2. Connect the (+) terminal of the input capacitor, CIN, as
close as possible to the VIN pin. This capacitor provides
the AC current into the internal power MOSFETs.
3. Keep the switching node, SW, away from all sensitive
small signal nodes. The rapid transitions on the switching
node can couple to high impedance nodes, in particular
VFB, and create increased output ripple.
4. Flood all unused area on all layers with copper except
for the area under the inductor. Flooding with copper
will reduce the temperature rise of power components.
You can connect the copper areas to any DC net (VIN,
VOUT, GND, or any other DC rail in your system).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com