Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9012 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM9012 Datasheet HTML 7Page - Linear Technology LTM9012 Datasheet HTML 8Page - Linear Technology LTM9012 Datasheet HTML 9Page - Linear Technology LTM9012 Datasheet HTML 10Page - Linear Technology LTM9012 Datasheet HTML 11Page - Linear Technology LTM9012 Datasheet HTML 12Page - Linear Technology LTM9012 Datasheet HTML 13Page - Linear Technology LTM9012 Datasheet HTML 14Page - Linear Technology LTM9012 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM9012
11
9012f
pin FuncTions
VCC1 (H10, H13): Channel 1 Amplifier Supply. VCC is
internally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VCC2 (C8, C12): Channel 2 Amplifier Supply. VCC is in-
ternally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VCC3 (C2, C6): Channel 3 Amplifier Supply. VCC is in-
ternally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VCC4 (H1, H4): Channel 4 Amplifier Supply. VCC is in-
ternally bypassed to ground with 0.1µF in parallel with
0.01µF ceramic capacitors, additional bypass capacitance
is optional. The recommended operating voltage is 3.3V.
VDD (N4, N5, N9, N10): ADC Analog Supply. VDD is inter-
nally bypassed to ground with 0.1µF ceramic capacitors,
additional bypass capacitance is optional. The recom-
mended operating voltage is 1.8V.
OVDD (R7, R8, S8): ADC Digital Output Supply. OVDD
is internally bypassed to ground with 0.1µF ceramic ca-
pacitors, additional bypass capacitance is optional. The
recommended operating voltage is 1.8V.
GND: Ground. Use multiple vias close to pins.
CH1+ (A11): Channel 1 Noninverting Analog Input.
CH1– (A12): Channel 1 Inverting Analog Input.
CH2+ (A8): Channel 2 Noninverting Analog Input.
CH2– (A9): Channel 2 Inverting Analog Input.
CH3+ (A5): Channel 3 Noninverting Analog Input.
CH3– (A6): Channel 3 Inverting Analog Input.
CH4+ (A2): Channel 4 Noninverting Analog Input.
CH4– (A3): Channel 4 Inverting Analog Input.
SHDN1 (G11): Channel 1 Amplifier Shutdown. Connect-
ing SHDN1 to VCC or floating results in normal (active)
operating mode. Connecting SHDN1 to GND results in a
low power shutdown state on amplifier 1.
SHDN2 (D9): Channel 2 Amplifier Shutdown. Connect-
ing SHDN2 to VCC or floating results in normal (active)
operating mode. Connecting SHDN2 to GND results in a
low power shutdown state on amplifier 2.
SHDN3 (D3): Channel 3 Amplifier Shutdown. Connect-
ing SHDN3 to VCC or floating results in normal (active)
operating mode. Connecting SHDN3 to GND results in a
low power shutdown state on amplifier 3.
SHDN4 (G1): Channel 4 Amplifier Shutdown. Connect-
ing SHDN4 to VCC or floating results in normal (active)
operating mode. Connecting SHDN4 to GND results in a
low power shutdown state on amplifier 4.
ENC+ (N1): Encode Input. Conversion starts on the rising
edge.
ENC– (P1): Encode Complement Input. Conversion starts
on the falling edge.
CS (P4): In serial programming mode, (PAR/SER = 0V),
CS is the serial interface chip select input. When CS is
low, SCK is enabled for shifting data on SDI into the mode
controlregisters.Intheparallelprogrammingmode(PAR/
SER = VDD), CS selects 2-lane or 1-lane output mode. CS
can be driven with 1.8V to 3.3V logic.
SCK (P5): In serial programming mode, (PAR/SER =
0V), SCK is the serial interface clock input. In the parallel
programming mode (PAR/SER = VDD),SCKselects3.5mA
or 1.75mA LVDS output currents. SCK can be driven with
1.8V to 3.3V logic.
SDI (P3): In serial programming mode, (PAR/SER = 0V),
SDIistheserialinterfacedataInput.DataonSDIisclocked
into the mode control registers on the rising edge of SCK.
In the parallel programming mode (PAR/SER = VDD), SDI
can be used to power down the part. SDI can be driven
with 1.8V to 3.3V logic.
SDO (P9): In serial programming mode, (PAR/SER = 0V),
SDO is the optional serial interface data output. Data on
SDO is read back from the mode control registers and can
be latched on the falling edge of SCK. SDO is an open-
drain NMOS output that requires an external 2k pull-up
resistor to 1.8V – 3.3V. If read back from the mode control
registers is not needed, the pull-up resistor is not neces-
sary and SDO can be left unconnected. In the parallel
programming mode (PAR/SER = VDD), SDO is an input
that enables internal 100Ω termination resistors. When
used as an input, SDO can be driven with 1.8V to 3.3V
logic through a 1k series resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com