Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9012 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM9012 Datasheet HTML 9Page - Linear Technology LTM9012 Datasheet HTML 10Page - Linear Technology LTM9012 Datasheet HTML 11Page - Linear Technology LTM9012 Datasheet HTML 12Page - Linear Technology LTM9012 Datasheet HTML 13Page - Linear Technology LTM9012 Datasheet HTML 14Page - Linear Technology LTM9012 Datasheet HTML 15Page - Linear Technology LTM9012 Datasheet HTML 16Page - Linear Technology LTM9012 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM9012
13
9012f
block DiagraM
9012 BD
LTM9012
14-BIT
ADC CORE
CH 1
ANALOG
INPUT
SHDN1
CH 4
ANALOG
INPUT
CH 3
ANALOG
INPUT
CH 2
ANALOG
INPUT
14-BIT
ADC CORE
VDD/2
OUT1A+
OUT1A–
OUT1B+
OUT1B–
OUT2A+
OUT2A–
OUT2B+
OUT2B–
OUT3A+
OUT3A–
OUT3B+
OUT3B–
OUT4A+
OUT4A–
OUT4B+
OUT4B–
SDO
SDI
SCK
CS
PAR/SER
DCO±
FR±
DATA
SERIALIZER
MODE
CONTROL
REGISTERS
PLL
ENC+
ENC–
VREF
1.25V
REFERENCE
RANGE
SELECT
14-BIT
ADC CORE
14-BIT
ADC CORE
1.8V
OVDD
1.8V
VDD
3.3V
VCC
DIFF. REF.
AMP.
REF
BUFFER
SENSE
GND
REFH REFL
SHDN2
SHDN3
VDD/2
SHDN4
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com