Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9012 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM9012 Datasheet HTML 12Page - Linear Technology LTM9012 Datasheet HTML 13Page - Linear Technology LTM9012 Datasheet HTML 14Page - Linear Technology LTM9012 Datasheet HTML 15Page - Linear Technology LTM9012 Datasheet HTML 16Page - Linear Technology LTM9012 Datasheet HTML 17Page - Linear Technology LTM9012 Datasheet HTML 18Page - Linear Technology LTM9012 Datasheet HTML 19Page - Linear Technology LTM9012 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM9012
16
9012f
Table 1. Maximum Sampling Frequency for All Serialization Modes. The Sampling Frequency for Potential Slower Speed Grades
Cannot Exceed fSAMPLE(MAX).
SERIALIZATION MODE
MAXIMUM SAMPLING
FREQUENCY, fS (MHz)
DCO FREQUENCY
FR FREQUENCY
SERIAL DATA RATE
2-Lane
16-Bit Serialization
125
4 • fS
fS
8 • fS
2-Lane
14-Bit Serialization
125
3.5 • fS
0.5 • fS
7 • fS
2-Lane
12-Bit Serialization
125
3 • fS
fS
6 • fS
1-Lane
16-Bit Serialization
62.5
8 • fS
fS
16 • fS
1-Lane
14-Bit Serialization
71.4
7 • fS
fS
14 • fS
1-Lane
12-Bit Serialization
83.3
6 • fS
fS
12 • fS
applicaTions inForMaTion
Clock PLL and Duty Cycle Stabilizer
The encode clock is multiplied by an internal phase-locked
loop (PLL) to generate the serial digital output data. If the
encode signal changes frequency or is turned off, the PLL
requires 25μs to lock onto the input clock.
A clock duty cycle stabilizer circuit allows the duty cycle
of the applied encode signal to vary from 30% to 70%.
In the serial programming mode it is possible to disable
the duty cycle stabilizer, but this is not recommended. In
the parallel programming mode the duty cycle stabilizer
is always enabled.
DIGITAL OUTPUTS
The digital outputs of the LTM9012 are serialized LVDS
signals. Each channel outputs two bits at a time (2-lane
mode). At lower sampling rates there is a one bit per chan-
nel option (1-lane mode). The data can be serialized with
16-, 14-, or 12-bit serialization (see the Timing Diagrams
fordetails).Notethatwith12-bitserializationthetwoLSBs
are not available—this mode is included for compatibility
with potential 12-bit versions of these parts.
The output data should be latched on the rising and falling
edges of the data clock out (DCO). A data frame output
(FR) can be used to determine when the data from a new
conversion result begins. In the 2-lane, 14-bit serialization
mode, the frequency of the FR output is halved.
Themaximumserialdatarateforthedataoutputsis1Gbps,
so the maximum sample rate of the ADC will depend on
the serialization mode as well as the speed grade of the
ADC (see Table 1). The minimum sample rate for all seri-
alization modes is 5Msps.
By default the outputs are standard LVDS levels: 3.5mA
output current and a 1.25V output common mode volt-
age. An external 100Ω differential termination resistor
is required for each LVDS output pair. The termination
resistors should be located as close as possible to the
LVDS receiver.
The outputs are powered by OVDD which is isolated from
the A/D core power.
Programmable LVDS Output Current
The default output driver current is 3.5mA. This current
can be adjusted by control register A2 in the serial pro-
gramming mode. Available current levels are 1.75mA,
2.1mA, 2.5mA, 3mA, 3.5mA, 4mA and 4.5mA. In the
parallel programming mode the SCK pin can select either
3.5mA or 1.75mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com