Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9012 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 2 Page - Linear Technology

  LTM9012 Datasheet HTML 1Page - Linear Technology LTM9012 Datasheet HTML 2Page - Linear Technology LTM9012 Datasheet HTML 3Page - Linear Technology LTM9012 Datasheet HTML 4Page - Linear Technology LTM9012 Datasheet HTML 5Page - Linear Technology LTM9012 Datasheet HTML 6Page - Linear Technology LTM9012 Datasheet HTML 7Page - Linear Technology LTM9012 Datasheet HTML 8Page - Linear Technology LTM9012 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM9012
2
9012f
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
VDD, OVDD................................................ –0.3V to 2V
VCC........................................................ –0.3V to 5.5V
Analog Input Voltage (CHn+, CHn –, SHDNn )
(Note 3).......................................................–0.3V to VCC
Analog Input Voltage (PAR/SER, SENSE)
(Note 4)........................................ –0.3V to (VDD + 0.2V)
Digital Input Voltage (ENC+, ENC–, CS, SDI, SCK)
(Note 5)..................................................... –0.3V to 3.9V
SDO (Note 5)............................................. –0.3V to 3.9V
Digital Output Voltage................ –0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTM9012C ............................................... 0°C to 70°C
LTM9012I.............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
BGA PACKAGE
221-LEAD (15mm × 11.25mm)
TOP VIEW
S
R
Q
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
13
12
11
10
9
8
7
CH4+
SHDN3
SHDN2
CH4–
CH3+ CH3–
CH2+ CH2–
CH1+ CH1–
VCC2
VCC1
VCC4
VCC3
SHDN4
SHDN1
ENC+
VDD
SENSE
VDD
SDO
D1A–
D1A+
D4B–
D4B+
D4A– D4A+ D3B– D3B+
D2A– D2A+
D3A– D3A+ FR–
FR+
PAR/SER
ENC–
SDI
CS
SCK
REF
D1B– D1B+
ALL ELSE = GND
OVDD
DCO– DCO+ D2B– D2B+
TJMAX = 125°C, θJA = 16.5°C/W, θJCtop = 15°C/W,
θJCbottom = 6.3°C/W, θJBOARD = 10.4°C/W
θ VALUES DETERMINED PER JESD 51-9
WEIGHT = 1.07g
orDer inForMaTion
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM9012CY-AB#PBF
LTM9012CY-AB#PBF
LTM9012YAB
221-Lead (15mm
× 11.25mm) Plastic BGA
0°C to 70°C
LTM9012IY-AB#PBF
LTM9012IY-AB#PBF
LTM9012YAB
221-Lead (15mm
× 11.25mm) Plastic BGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com