Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9012 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM9012 Datasheet HTML 15Page - Linear Technology LTM9012 Datasheet HTML 16Page - Linear Technology LTM9012 Datasheet HTML 17Page - Linear Technology LTM9012 Datasheet HTML 18Page - Linear Technology LTM9012 Datasheet HTML 19Page - Linear Technology LTM9012 Datasheet HTML 20Page - Linear Technology LTM9012 Datasheet HTML 21Page - Linear Technology LTM9012 Datasheet HTML 22Page - Linear Technology LTM9012 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LTM9012
19
9012f
applicaTions inForMaTion
The SDO pin is an open-drain output that pulls to ground
with a 200Ω impedance. If register data is read back
through SDO, an external 2k pull-up resistor is required. If
serial data is only written and read back is not needed, then
SDO can be left floating and no pull-up resistor is needed.
Table 4 shows a map of the mode control registers.
Software Reset
If serial programming is used, the mode control registers
shouldbeprogrammedassoonaspossibleafterthepower
supplies turn on and are stable. The first serial command
must be a software reset which will reset all register data
bits to logic 0. To perform a software reset, bit D7 in the
reset register is written with a logic 1. After the reset is
complete, bit D7 is automatically set back to zero.
Table 4. Serial Programming Mode Register Map (PAR/SER = GND)
REGISTER A0: RESET REGISTER (ADDRESS 00h) WRITE ONLY
D7
D6
D5
D4
D3
D2
D1
D0
RESET
X
X
X
X
X
X
X
Bit 7
RESET
Software Reset Bit
0 = Not Used
1 = Software Reset. All mode control registers are reset to 00h. The ADC is momentarily placed in Sleep mode.
This bit is automatically set back to zero at the end of the SPI Write command. The Reset register is Write only.
Data read back from the reset register will be random.
Bits 6-0
Unused, Don’t Care Bits.
REGISTER A1: FORMAT AND POWER-DOWN REGISTER (ADDRESS 01h with CS = GND)
D7
D6
D5
D4
D3
D2
D1
D0
DCSOFF
RAND
TWOSCOMP
SLEEP
NAP_4
NAP_3
NAP_2
NAP_1
Bit 7
DCSOFF
Clock Duty Cycle Stabilizer Bit
0 = Clock Duty Cycle Stabilizer On
1 = Clock Duty Cycle Stabilizer Off. This is not recommended.
Bit 6
RAND Data Output Randomizer Mode Control Bit
0 = Data Output Randomizer Mode Off
1 = Data Output Randomizer Mode On
Bit 5
TWOSCOMP
Two’s Complement Mode Control Bit
0 = Offset Binary Data Format
1 = Two’s Complement Data Format
Bits 4-0
SLEEP: NAP_X
Sleep/Nap Mode Control Bits
00000 = Normal Operation
0XXX1 = Channel 1 in Nap Mode
0XX1X = Channel 2 in Nap Mode
0X1XX = Channel 3 in Nap Mode
01XXX = Channel 4 in Nap Mode
1XXXX = Sleep Mode. Channels 1, 2, 3 and 4 are Disabled
Note: Any combination of these channels can be placed in Nap mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com