Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6525KW Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MMA6525KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6525KW Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MMA6525KW Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Sensor
26
Freescale Semiconductor, Inc.
MMA65xx
3.8.1
DSP Clock
The DSP is clocked at 8 MHz, with an effective 6MHz operating frequency. The clock to the DSP is disabled for 1 clock prior
to each edge of the
ΣΔ modulator clock to minimize noise during data conversion.
Figure 13. Clock Generation
3.8.2
Decimation Sinc Filter
The serial data stream produced by the
ΣΔ converter is decimated and converted to parallel values by a 3rd order 16:1 sinc
filter with a decimation factor of 8 or 16, depending on the Low Pass Filter selected.
Figure 14. Sinc Filter Response, tS = 8 μs
3.8.3
Low Pass Filter
Data from the Sinc filter is processed by an infinite impulse response (IIR) low pass filter.
.
The device provides the option for one of twelve low-pass filters. The filter is selected independently for each axis with the
LPF_X[3:0] and LPF_Y[3:0] bits in the DEVCFG_X and DEVCFG_Y registers. The filter selection options are listed in
Section 3.1.7.3, Table 11. Response parameters for the low-pass filter are specified in Section 2.4. Filter characteristics are illus-
trated in the figures on the following pages.
8 MHz OSC
6 MHz Digital
1MHz Modulator
Hz
()
1
z 16
–
–
16
1
z 1
–
–
()
×
-----------------------------------
3
=
Hz
()
n
0
n
1
z 1
–
⋅
()
n
2
z 2
–
⋅
()
n
3
z 3
–
⋅
()
n
4
z 4
–
⋅
()
++++
d
0
d
1
z 1
–
⋅
()
d
2
z 2
–
⋅
()
d
3
z 3
–
⋅
()
d
4
z 4
–
⋅
()
++++
---------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com