Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6525KW Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MMA6525KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6525KW Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MMA6525KW Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 52Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 53Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
Sensor
50
Freescale Semiconductor, Inc.
MMA65xx
4.5
Exception Handling
The following sections describe the conditions and the device response for each detectable exception. In the event that mul-
tiple exceptions exist, the exception response is determined by the priority listed in Table 33.
4.5.1
SPI Error
The following SPI conditions result in a SPI error:
•
SCLK is high when CS is asserted
•
The number of SCLK rising edges detected while CS is asserted is not equal to 16
•
SCLK is high when CS is negated
•
Command message parity error (MOSI)
•
Bit 15 of Acceleration Data Request is not equal to ‘0’
•
Bits 4 through 11 of an Acceleration Request are not equal to ‘0’
•
Bits 3 of an Acceleration Request is not equal to ‘1’
•
Bits 0 through 7 of a Register Read Request are not equal to ‘0’
The device responds to a SPI error with a “SPI Error” response as shown in Table 30. This applies to both acceleration data
request SPI errors, and Register Access SPI errors.
The arming function will not be updated if a SPI Error is detected. The PCM output is not affected by a SPI Error.
Table 33. SPI Error Response Priority
Error Priority
Exception
Effect on Data
SPI Data
Arming Output
PCM Output
1
SPI Error
Error Response
No Update
No Effect
2
SPI MISO Error
Error Response
No Update
No Effect
3
Invalid Request
Error Response
No Update
No Effect
4
DEVINIT Bit Set
Error Response
No Update
Disabled
5
DEVRES Error
Error Response
No Update
Disabled
6
CRC Error
Error Response
No Update
No Effect
7
Self Test Error
Error Response
No Update
No Effect
8
Offset Monitor Error
Error Response
No Update
No Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com