Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6525KW Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MMA6525KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6525KW Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MMA6525KW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
15
MMA65xx
3.1.5.2
Offset Cancellation Phase Control Bits (OCPHASE[1:0])
The offset cancellation phase control bits control the offset cancellation start up phase. These bits can be written at any time
ENDINIT is ‘0’ if the OFFCFG_EN bit is set.
When ENDINIT is set, the OCPHASE[1:0] bits in a write command are ignored and the offset cancellation phase is set to “Nor-
mal”. This can only be changed by a device reset. The response to a register read or write of the DEVCTL register once ENDINIT
is set will return the last successfully written values of OCPHASE[1:0].
3.1.5.3
Offset Cancellation Configuration Enable Bit (OFFCFG_EN)
The offset cancellation phase configuration enable bit enables modification of the offset cancellation phase control bits
(OCPHASE[1:0]) as shown in Section 3.1.5.2
When ENDINIT is set, the OFFCFG_EN bit in a write command is ignored, and the offset cancellation phase is set to “Normal”.
This can only be changed by a device reset. The response to a register read or write of the DEVCTL register once ENDINIT is
set will return the last successfully written value of OFFCFG_EN.
3.1.5.4
Reserved Bits (DEVCTL[2:0])
Bits 2 through 0 of the DEVCTL register are reserved. A write to the reserved bits must always be logic ‘0’ for normal device
operation and performance.
3.1.6
Device Configuration Register (DEVCFG)
The device configuration register is a read/write register which contains data for general device configuration. The register can
be written during initialization but is locked once the ENDINIT bit is set. This register is included in the writable register CRC
check. Refer to Section 3.2.2 for details.
3.1.6.1
Offset Cancelled Data Selection Bits (OC)
The Offset Cancelled Data Selection Bit determines whether the SPI transmitted data is raw data or offset cancelled data.
If the OC bit is cleared (Offset Cancelled Data), then the Offset Monitor is automatically enabled (OFMON = ‘1’) regardless of
the value written to DEVCFG[3].
3.1.6.2
Reserved Bit (Reserved)
Bits 6 of the DEVCFG register is reserved. A write to the reserved bit must always be logic ‘0’ for normal device operation and
performance.
OFFCFG_EN
OCPHASE[1]
OCPHASE[0]
Writes to
OCPHASE[1:0]
Offset Cancellation Phase
0
Don’t Care
Don’t Care
Ignored
Continues from the previously written phase (OCPHASE[1:0]) as
specified in Section 3.8.4.
1
0
0
Accepted
Remains in Start 1 until OFFCFG_EN is cleared or ENDINIT is set
1
0
1
Accepted
Remains in Start 2 until OFFCFG_EN is cleared or ENDINIT is set
1
1
0
Accepted
Remains in Start 3 until OFFCFG_EN is cleared or ENDINIT is set
1
1
1
Accepted
Remains in Normal Mode until OFFCFG_EN is cleared or ENDINIT is set
Table 8. Device Configuration Register
Location
Bit
Address
Register
7654
3210
$0B
DEVCFG
OC
Reserved
ENDINIT
SD
OFMON
A_CFG[2]
A_CFG[1]
A_CFG[0]
Reset Value
0000
0000
OC
SPI Data
0
Offset Cancelled
1
Raw Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com