Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6525KW Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MMA6525KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6525KW Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MMA6525KW Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
27
MMA65xx
Note: Low Pass Filter figures do not include g-cell frequency response.
Table 27. Low Pass Filter Coefficients
Filter
Number
LPF_X/
LPF_Y
Value
(HEX)
Description
-3dB Frequency
(±5%)
Filter
Order
Sample
Time
(
μs ±5%)
Filter Coefficients
Group
Delay
Self Test
Step
Response
(ms)
8
0x08
50 Hz LPF
4
16
n0
2.08729034056887e-10
d0
1
26816/
fosc
14.00
n1 8.349134489240434e-10
d1
-3.976249694824219
n2
1.25237777794924e-09
d2
5.929003009577855
0
0x00
100 Hz LPF
4
8
n3 8.349103355433541e-10 d3
-3.929255528257727
7.00
n4 2.087307211059861e-10
d4 0.9765022168437554
9
0x09
150 Hz LPF
4
16
n0 1.639127731323242e-08
d0
1
9024/
fosc
6.00
n1 6.556510925292969e-08 d1
-3.928921222686768
n2 9.834768482194806e-08
d2
5.789028996785419
1
0x01
300 Hz LPF
4
8
n3 6.556510372902331e-08
d3
-3.791257019240902
3.00
n4 1.639128257923422e-08 d4 0.9311495074496179
10
0x0A
200 Hz LPF
4
16
n0 5.124509334564209e-08
d0
1
6784/
fosc
5.00
n1 2.049803733825684e-07
d1
-3.905343055725098
n2 3.074705789151505e-07
d2
5.72004239520561
2
0x02
400 Hz LPF
4
8
n3 2.049803958150164e-07
d3
-3.723967810019985
2.50
n4 5.124510693742625e-08 d4 0.9092692903507213
13
0x0D
200 Hz LPF
3
16
n0 2.720393240451813e-06
d0
1
5632/
fosc
4.80
n1 8.161179721355438e-06
d1
-2.931681632995605
n2 8.161180123840722e-06 d2
2.865296718275204
5
0x05
400 Hz LPF
3
8
n3 2.720393634345496e-06
d3 -0.9335933215174919
2.40
n4
0d4
0
11
0x0B
400 Hz LPF
4
16
n0 7.822513580322266e-07 d0
1
3392/
fosc
2.50
n1 3.129005432128906e-06
d1
-3.811614513397217
n2 4.693508163398543e-06
d2
5.450666051045118
3
0x03
800 Hz LPF
4
8
n3 3.129005428784364e-06 d3
-3.465805771100349
1.70
n4 7.822513604678875e-07
d4 0.8267667478030489
12
0x0C
500 Hz LPF
4
16
n0 1.865386962890625e-06
d0
1
2688/
fosc
3.20
n1
7.4615478515625e-06
d1
-3.765105724334717
n2 1.119232176112846e-05
d2
5.319861050818872
4
0x04
1000 Hz LPF
4
8
n3
7.4615478515625e-06
d3
-3.34309015036024
1.60
n4 1.865386966264658e-06 d4 0.7883646729233078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com