Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6525KW Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MMA6525KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6525KW Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MMA6525KW Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA6525KW Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
35
MMA65xx
3.8.6
Signal Compensation
The device includes internal OTP and signal processing to compensate for sensitivity error and offset error. This compensation
is necessary to achieve the specified parameters in Section 2.4.
3.8.7
Output Scaling
The 20 bit digital output from the DSP is clipped and scaled to a 12-bit data word which spans the acceleration range of the
device. Figure 22 shows the method used to establish the output acceleration data word from the DSP output.
Figure 22. 12-Bit Output Scaling Diagram
3.8.8
Data Interpolation
The device includes 2 to 1 data interpolation to minimize the system sample jitter. Each result produced by the digital signal
processing chain is delayed one half of a sample time, and the interpolated value of successive samples is provided between
sample times. This operation is illustrated below.
Figure 23. Data Interpolation Timing
Over Range
Signal
Noise
D19 D18 D17 D16 D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
12-Bit Data Word
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
Using Rounding
Sn-3
Sn-2
t
t
Internal Sample Rate
Output Sample Rate
Sn-1
ts
ts
Sn-1
ts
Sn
Sn-2
S
n
3
–
S
n
2
–
+
2
-------------------------------
S
n
2
–
S
n
1
–
+
2
-------------------------------
S
n
1
–
S
n
+
2
------------------------
Sn-3
SPI acceleration request occurring in this window receives interpolated sample
SPI acceleration request occurring in this window receives true sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com