Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KW Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MMA6527KW Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 42Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 43Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 44Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 45Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
Sensor
44
Freescale Semiconductor, Inc.
MMA65xx
3.11
Overload Response
3.11.1
Overload Performance
The device is designed to operate within a specified range. Acceleration beyond that range (overload) impacts the output of
the sensor. Acceleration beyond the range of the device can generate a DC shift at the output of the device that is dependent
upon the overload frequency and amplitude. The g-cell is overdamped, providing the optimal design for overload performance.
However, the performance of the device during an overload condition is affected by many other parameters, including:
•
g-cell damping
•Non-linearity
•
Clipping limits
•
Symmetry
Figure 35 shows the g-cell, ADC and output clipping of the device over frequency. The relevant parameters are specified in
Section 2.1, and Section 2.7.
Figure 35. Output Clipping Vs. Frequency
3.11.2
Sigma Delta Over Range Response
Over range conditions exist when the signal level is beyond the full-scale range of the device but within the computational limits
of the DSP. The
ΣΔ converter can saturate at levels above those specified in Section 2.1 (G
ADC_CLIP). The DSP operates pre-
dictably under all cases of over range, although the signal may include residual high frequency components for some time after
returning to the normal range of operation due to non-linear effects of the sensor.
5kHz
fg-Cell
fLPF
gADC_Clip
gg-cell_Clip
Determined by g-cell
10kHz
g-cellRolloff
Acceleration (g)
Frequency (kHz)
LPFRolloff
Reg
ion
Clip
ped
by g
-ce
ll
Reg
ion
Clip
ped
by A
DC
Reg
ion
of S
igna
l Di
stor
tion
due
to
Asy
mm
etry
and
Non
-Lin
ear
ity
Region of No Signal Distortion Beyond
Specification
Region of Interest
roll-off and ADC clipping
gRange_Norm
Determined by g-cell
roll-off and full scale range
Region Clipped
by Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com