Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KW Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA6527KW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
9
MMA65xx
2.6
Dynamic Electrical Characteristics - Signal Chain
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 25 K/min unless otherwise specified.
#
Characteristic
Symbol
Min
Typ
Max
Units
102
103
104
DSP Sample Rate (LPF 0,1,2,3,4,5)
DSP Sample Rate (LPF 8,9,10,11,12,13)
Interpolation Sample Rate
tS
tS
tINTERP
—
—
—
64/fOSC
128/fOSC
tS/2
—
—
—
s
s
s
(7)
(7)
(7)
105
106
Data Path Latency (excluding g-cell and Low Pass Filter)
TS = 64/fOSC
TS = 128/fOSC
*
*
tDataPath_8
tDataPath_16
33.0
51.9
34.8
54.6
36.5
57.4
μs
μs
(7,16)
(7,16)
107
108
109
110
111
112
Low-Pass Filter (ts = 8μs)
Cutoff frequency 0: 100 Hz, 4-pole
Cutoff frequency 1: 300 Hz, 4-pole
Cutoff frequency 2: 400 Hz, 4-pole
Cutoff frequency 3: 800 Hz, 4-pole
Cutoff frequency 4: 1000 Hz, 4-pole
Cutoff frequency 5: 400 Hz, 3-pole
*
*
*
*
*
*
fC0(LPF)
fC1(LPF)
fC2(LPF)
fC3(LPF)
fC4(LPF)
fC5(LPF)
95
285
380
760
950
380
100
300
400
800
1000
400
105
315
420
840
1050
420
Hz
Hz
Hz
Hz
Hz
Hz
(3,7,17)
(3,7,17)
(3,7,17)
(3,7,17)
(3,7,17)
(3,7,17)
113
114
115
116
117
118
Low-Pass Filter (ts = 16μs)
Cutoff frequency 8: 50 Hz, 4-pole
Cutoff frequency 9: 150 Hz, 4-pole
Cutoff frequency 10: 200 Hz, 4-pole
Cutoff frequency 11: 400 Hz, 4-pole
Cutoff frequency 12: 500 Hz, 4-pole
Cutoff frequency 13: 200 Hz, 3-pole
*
*
*
*
*
*
fC8(LPF)
fC9(LPF)
fC10(LPF)
fC11(LPF)
fC12(LPF)
fC13(LPF)
47.5
142.5
190
380
475
190
50
150
200
400
500
200
52.5
157.5
210
420
525
210
Hz
Hz
Hz
Hz
Hz
Hz
(3,7,17)
(3,7,17)
(3,7,17)
(3,7,17)
(3,7,17)
(3,7,17)
119
120
121
122
123
124
125
Offset Cancellation (Normal Mode, 12-Bit Output)
Offset Averaging Period
Offset Slew Rate
Offset Update Rate
Offset Correction Value per Update Positive
Offset Correction Value per Update Negative
Offset Correction Threshold Positive
Offset Correction Threshold Negative
*
*
*
*
*
*
*
OFFAVEPER
OFFSLEW
OFFRATE
OFFCORRP
OFFCORRN
OFFTHP
OFFTHN
—
—
—
—
—
—
—
6.29146
0.2384
1049
0.25
-0.25
0.125
0.125
—
—
—
—
—
—
—
s
LSB/s
ms
LSB
LSB
LSB
LSB
(3,7)
(3,7)
(3,7)
(3,7)
(3,7)
(3,7)
(3,7)
126
127
128
129
130
131
Self Test Activation Time (CS rising edge to 90% of ST Final Value)
Cutoff frequency 0: 100 Hz, 4-pole
Cutoff frequency 1: 300 Hz, 4-pole
Cutoff frequency 2: 400 Hz, 4-pole
Cutoff frequency 3: 800 Hz, 4-pole
Cutoff frequency 4: 1000 Hz, 4-pole
Cutoff frequency 5: 400 Hz, 3-pole
ST_ACT100
ST_ACT300
ST_ACT400
ST_ACT800
ST_ACT1000
ST_ACT400_3
—
—
—
—
—
—
—
—
—
—
—
—
7.00
3.00
2.50
1.70
1.60
2.40
ms
ms
ms
ms
ms
ms
(19)
(19)
(19)
(19)
(19)
(19)
132
Offset Monitor Bypass Time after Self Test Deactivation
tST_OMB
—
320
—
tS
(3,7)
133
Time Between Acceleration Data Requests (Same Axis)
tACC_REQ
15
—
—
μs
(3,7,20)
134
135
136
Arming Output Activation Time (ARM_X, ARM_Y, IARM = 200μA)
Moving Average and Count Arming Modes (2,3,4,5)
Unfiltered Mode Activation Delay (Reference Figure 30)
Unfiltered Mode Arm Assertion Time (Reference Figure 30)
tARM
tARM_UF_DLY
tARM_UF_ASSERT
0
0
5.00
—
—
—
1.51
1.51
6.579
μs
μs
μs
(3,12)
(3,12)
(3)
137
Sensing Element Natural Frequency
fgcell
10791
13464
15879
Hz
(19)
138
Sensing Element Cutoff Frequency (-3 dB ref. to 0 Hz)
fgcell
0.851
1.58
2.29
kHz
(19)
139
Sensing Element Damping Ratio
ζ
gcell
2.46
4.31
9.36
—
(19)
140
Sensing Element Delay (@100 Hz)
fgcell_delay
70
101
187
μs
(19)
141
Sensing Element Step Response (0% - 90%)
tStep_gcell
—
—
200
μs
(19)
142
Package Resonance Frequency
fPackage
100
—
—
kHz
(19)
143
Package Quality Factor
qPackage
1
—
5
(19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com