Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KW Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MMA6527KW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
17
MMA65xx
3.1.7
Axis Configuration Registers (DEVCFG_X, DEVCFG_Y)
The Axis configuration registers are read/write registers which contain axis specific configuration information. These registers
can be written during initialization, but are locked once the ENDINIT bit is set. These registers are included in the writable register
CRC check. Refer to Section 3.2.2 for details.
3.1.7.1
Self Test Control (ST_X, ST_Y)
The ST_X and ST_Y bits enable and disable the self test circuitry for their respective axes. Self test circuitry is enabled if a
logic ‘1’ is written to ST_X, or ST_Y and the ENDINIT bit has not been set. Enabling the self test circuitry results in a positive
acceleration value on the enabled axis. Self test deflection values are specified in Section 2.4. ST_X and ST_Y are always
cleared following internal reset.
When the self test circuitry is active, the offset cancellation block and the offset monitor status are suspended, and the status
bits in the Acceleration Data Request Response will indicate “Self Test Active”. Reference Section 3.8.4 and Section 4.2 for de-
tails. When the self test circuitry is disabled by clearing the ST_X or ST_Y bit, the offset monitor remains disabled until the time
tST_OMB specified in Section 2.6 expires. However, the status bits in the Acceleration Data Request Response will immediately
indicate that self test is deactivated.
When ENDINIT is set, self test is disabled. This can only be changed by a reset. A Register Write will not modify the ST_X
and ST_Y bits and the response to a Register Read or Write will include the last successful written values for these bits.
3.1.7.2
Reserved Bits (Reserved)
Bits 6 through 4 of the DEVCFG_X and DEVCFG_Y registers are reserved. A write to the reserved bits must always be logic
‘0’ for normal device operation and performance.
3.1.7.3
Low-Pass Filter Selection Bits (LPF_X[3:0], LPF_Y[3:0])
The Low Pass Filter selection bits independently select a low-pass filter for each axis as shown in Table 11. Refer to
Section 3.8.3 for details regarding filter configurations.
Note:Filter characteristics do not include g-cell frequency response.
Table 10. Axis Configuration Registers
Location
Bit
Address
Register
7654
3210
$0C
DEVCFG_X
ST_X
Reserved
Reserved
Reserved
LPF_X[3]
LPF_X[2]
LPF_X[1]
LPF_X[0]
$0D
DEVCFG_Y
ST_Y
Reserved
Reserved
Reserved
LPF_Y[3]
LPF_Y[2]
LPF_Y[1]
LPF_Y[0]
Reset Value
0000
0000
Table 11. Low Pass Filter Selection Bits
LPF_X[3] /
LPF_Y[3]
LPF_X[2] /
LPF_Y[2]
LPF_X[1] /
LPF_Y[1]
LPF_X[0] /
LPF_Y[0]
Low Pass Filter Selected
Nominal Sample Rate (
μs)
0000
100 Hz, 4-pole
8
0001
300 Hz, 4-pole
8
0010
400 Hz, 4-pole
8
0011
800 Hz, 4-pole
8
0100
1000 Hz, 4-pole
8
0101
400 Hz, 3-pole
8
0110
Reserved
Reserved
0111
Reserved
Reserved
1000
50 Hz, 4-pole
16
1001
150 Hz, 4-pole
16
1010
200 Hz, 4-pole
16
1011
400 Hz, 4-pole
16
1100
500 Hz, 4-pole
16
1101
200 Hz, 3-pole
16
1110
Reserved
Reserved
1111
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com