Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KW Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA6527KW Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Document Number: MMA65XX
Rev. 3, 03/2012
Freescale Semiconductor
Data Sheet: Technical Information
© 2011-2012 Freescale Semiconductor, Inc. All rights reserved.
Dual-Axis SPI Inertial Sensor
MMA65xx, a SafeAssure solution, is a SPI-based, dual-axis, medium-g, over-
damped lateral accelerometer designed for use in Automotive Airbag systems.
Features
•
±80g, ±105g or ±120g full-scale range, independently specified for each axis
•
3.3V or 5V single supply operation
•
SPI-compatible serial interface
•
12-bit digital signed or unsigned SPI data output
•
Independent programmable arming functions for each axis
•
Twelve low-pass filter options, ranging from 50 Hz to 1000 Hz
•
Optional offset cancellation with > 6s averaging period and < 0.25 LSB/s slew
rate
•
Pb-Free 16-Pin QFN, 6 by 6 Package
Referenced Documents
•
AECQ100, Revision G, dated May 14, 2007 (http://www.aecouncil.com/)
For user register array programming, please consult your Freescale
representative.
ORDERING INFORMATION
Device
X-Axis Range
Y-Axis Range
Shipping
MMA6519KW
±80g
±80g
Tubes
MMA6525KW
±105g
±105g
Tubes
MMA6527KW
±120g
±120g
Tubes
MMA6519KWR2
±80g
±80g
Tape & Reel
MMA6525KWR2
±105g
±105g
Tape & Reel
MMA6527KWR2
±120g
±120g
Tape & Reel
MMA65xx
Bottom View
16 LEAD QFN
6 mm by 6 mm
CASE 2086-01


Similar Part No. - MMA6527KW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA6527KW NXP-MMA6527KW Datasheet
1Mb / 56P
Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA6527KWR2 NXP-MMA6527KWR2 Datasheet
1Mb / 56P
Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
More results

Similar Description - MMA6527KW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16355 AD-ADIS16355 Datasheet
385Kb / 28P
Tri-Axis Inertial Sensor
Rev. PrG
ADIS16354 AD-ADIS16354 Datasheet
571Kb / 28P
High Precision Tri-Axis Inertial Sensor
REV. 0
ADIS16365 AD-ADIS16365 Datasheet
448Kb / 20P
Tri-Axis Inertial Sensor
Rev. PrA
logo
STMicroelectronics
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
logo
Freescale Semiconductor...
MMA68XX FREESCALE-MMA68XX Datasheet
1Mb / 54P
Dual-Axis SPI Inertial Sensor
MMA685X FREESCALE-MMA685X Datasheet
1Mb / 52P
Single-Axis SPI Inertial Sensor
logo
NXP Semiconductors
MMA65XX NXP-MMA65XX Datasheet
1Mb / 56P
Dual-Axis SPI Inertial Sensor
Rev. 3, 03/2012
MMA68XX NXP-MMA68XX Datasheet
1Mb / 56P
MMA68xx, Dual-axis SPI Inertial Sensor
Rev. 7, 01/2016
MMA655X NXP-MMA655X Datasheet
1Mb / 53P
MMA655x,Single-Axis, SPI Inertial Sensor
Rev. 7.0, 01/2017
MMA685X NXP-MMA685X Datasheet
1Mb / 52P
MMA685x, Single-axis, SPI Inertial Sensor
Rev. 7, 01/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com