Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA6527KW Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA6527KW
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KW Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA6527KW Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6527KW Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
Sensor
16
Freescale Semiconductor, Inc.
MMA65xx
3.1.6.3
End of Initialization Bit (ENDINIT)
The ENDINIT bit is a control bit used to indicate that the user has completed all device and system level initialization tests,
and that the device will operate in normal mode. Once the ENDINIT bit is set, writes to all writable register bits are inhibited except
for the DEVCTL register. Once written, the ENDINIT bit can only be cleared by a device reset. The writable register CRC check
(reference Section 3.2.2) is only enabled when the ENDINIT bit is set.
When ENDINIT is set, the following occurs:
•
Offset Cancellation is forced to normal mode. OCPHASE[1:0], and OFFCFG_EN remain in their previously set states.
•
X-Axis Self Test is disabled. ST_X remains in its previously set states.
•
Y-Axis Self Test is disabled. ST_Y remains in its previously set states.
3.1.6.4
SD Bit
The SD bit determines the format of acceleration data results. If the SD bit is set to a logic ‘1’, unsigned results are transmitted,
with the zero-g level represented by a nominal value of 512. If the SD bit is cleared, signed results are transmitted, with the zero-
g level represented by a nominal value of 0.
3.1.6.5
OFMON Bit
The OFMON bit determines if the offset monitor circuit is enabled. If the OFMON bit is set to a logic ‘1’, the offset monitor is
enabled. Reference Section 3.8.5. If the OFMON bit is cleared, the offset monitor is disabled.
If the OC bit in the DEVCFG register is cleared (Offset Cancelled Data), then the Offset Monitor is automatically enabled (OF-
MON = ‘1’) regardless of the value written to DEVCFG[3].
3.1.6.6
ARM Configuration Bits (A_CFG[2:0])
The ARM Configuration Bits (A_CFG[2:0]) select the mode of operation for the ARM_X/PCM_X, ARM_Y/PCM_Y pins.
SD
Operating Mode
1
Unsigned Data Output
0
Signed Data Output
OFMON
Operating Mode
1
Offset Monitor Circuit Enabled
0
Offset Monitor Circuit Disabled
Table 9. Arming Output Configuration
A_CFG[2]
A_CFG[1]
A-CFG[0]
Operating Mode
Output Type
Reference
0
0
0
Arm Output Disabled
Hi Impedance
0
0
1
PCM Output
Digital Output
Section 3.8.11
0
1
0
Moving Average Mode
Active High with Pulldown Current
Section 3.8.10.1
0
1
1
Moving Average Mode
Active Low with Pullup Current
Section 3.8.10.1
1
0
0
Count Mode
Active High with Pulldown Current
Section 3.8.10.2
1
0
1
Count Mode
Active Low with Pullup Current
Section 3.8.10.2
1
1
0
Unfiltered Mode
Active High with Pulldown Current
Section 3.8.10.3
1
1
1
Unfiltered Mode
Active Low with Pullup Current
Section 3.8.10.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com