Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2520L-R Datasheet(PDF) 2 Page - SiGe Semiconductor, Inc.

Part # SE2520L-R
Description  RangeCharger 2.4GHz Power Amplifier IC Final
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2520L-R Datasheet(HTML) 2 Page - SiGe Semiconductor, Inc.

  SE2520L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SE2520L
RangeCharger™ 2.4GHz Power Amplifier IC
Final
Pin Out Diagram
Note: Pads and die pad shown are at the bottom of package.
4
5
2
1
Die Pad
SE2520L
Bottom View
4
5
2
1
SE2520L
Top View
2520L
Lot Code
Pin Out Description
Pin No.
Name
Description
1
VCTL
Controls the RF output power level and DC current of the power amplifier. An analog
control signal between 0.1V and 1.6V varies the PA output power between Min. and
Max. values.
2
VEN
Power Amplifier Enable pin. A digital control signal with logic high (power up) and logic
low (power down) is used to turn the device on and off.
3
IN
Power amplifier RF input, external input matching network with DC blocking is required.
4
VCC0
Bias supply voltage.
5
VCC1
Stage 1 collector supply voltage, an external inter-stage matching network is required.
6
OUT/VCC2
PA Output and Stage2 collector supply voltage, external output matching network with
DC blocking is required.
Die Pad
GND
Heatslug Die Pad is ground
15-DST-01 Rev 4.8 Oct 28/02
2 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com