Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2520L-R Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # SE2520L-R
Description  RangeCharger 2.4GHz Power Amplifier IC Final
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2520L-R Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  SE2520L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SE2520L
RangeCharger™ 2.4GHz Power Amplifier IC
Final
AC Electrical Characteristics
Conditions: V
CC0 = VCC1 = VCC2 = VEN = 3.3V, VCTL = 1.6V, PIN = -8dBm, TA = 25°C, f = 2.45GHz, using SiGe
SE2520L-EV1 Evaluation Board.
Symbol
Parameter
Note
Min.
Typ.
Max.
Unit
f
L-U
Frequency Range
1
2400
2500
MHz
Output power, PIN = -8dBm, VCTL = 1.6V
1
18
20
22
dBm
Output power, PIN = -8dBm, VCTL = 0.1V
1
-10
5
dBm
P
OUT
Saturated Output Power, PIN = +2dBm,
VCTL = 1.6V
1
21
23
dBm
dPOUT
/dVCTL
Control Voltage Sensitivity
40
dBm/V
G
Gain, small signal
29
dB
G
VAR
Gain Variation over band (2400-2485 MHz)
1.0
2.0
dB
2f,3f,4f,5f
Harmonics
2
-30
dBm/100kHz
IS21 IOFF
Isolation in “OFF” State, P
IN <= +2dBm,
VEN = 0V
25
35
dB
IS12I
Reverse Isolation
32
42
dB
tR
Rise and Fall Time 10% to 90%
1.2
µs
STAB
Stability (PIN <= +2dBm, Load VSWR = 6:1)
All non-harmonically related outputs less than
-50 dBc/100kHz
Notes: (1) Parameter measured with RF modulation based on IEEE 802.11b standard, meeting ACPR of –30dBc
1
st lobe and –50dBc 2nd lobe
(2) Harmonic levels and ACPR are greatly affected by topology of external matching networks.
15-DST-01 Rev 4.8 Oct 28/02
4 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com