Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2520L-R Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # SE2520L-R
Description  RangeCharger 2.4GHz Power Amplifier IC Final
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2520L-R Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  SE2520L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SE2520L
RangeCharger™ 2.4GHz Power Amplifier IC
Final
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below. This device is ESD sensitive with an ESD rating of < 600V. Handling and assembly of this device
should be at ESD protected workstations.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage (VCC0, VCC1, VCC2)
-0.3
+3.6
V
VCTL
Control Voltage
-0.3
VCC
V
VEN
Power Amplifier Enable
-0.3
VCC
V
IN
RF Input Power
+8
dBm
TSTG
Storage Temperature Range
-40
+150
°C
Tj
Maximum Junction Temperature
+150
°C
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature
-40
+85
°C
VCC
Supply Voltage
2.7
3.3
3.6
V
DC Electrical Characteristics
Conditions: V
CC0 = VCC1 = VCC2 = VEN = 3.3V, VCTL = 1.6V, PIN = -8dBm, TA = 25°C, f = 2.45GHz, using SiGe
SE2520L-EV1 Evaluation Board.
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current, VCTL = 1.6V, PIN = -8dBm
110
130
mA
ICC(sat)
Supply Current (sat) @ PIN = 2dBm
140
175
mA
∆IccTEMP
Supply Current variation over temperature from
TA = 25
°C
(-40
°C < TA < +85°C)
25
%
VCTL
PA Output Power Control Voltage Range
0.1
1.6
V
ICTL
Current Sunk by VCTL Pin
60
100
µA
Logic High Voltage
2.0
V
VEN
Logic Low Voltage
0.8
V
ISTBY
Leakage Current when VEN = 0V, VCTL = 0V
0.1
200
µA
15-DST-01 Rev 4.8 Oct 28/02
3 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com