Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2520L-R Datasheet(PDF) 5 Page - SiGe Semiconductor, Inc.

Part # SE2520L-R
Description  RangeCharger 2.4GHz Power Amplifier IC Final
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2520L-R Datasheet(HTML) 5 Page - SiGe Semiconductor, Inc.

  SE2520L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SE2520L
RangeCharger™ 2.4GHz Power Amplifier IC
Final
Typical Performance Characteristics
Conditions: VCC = 3.3V, VCTL = 1.6V, VEN = 3.3V, F = 2.45GHz, using IEEE802.11b modulation, using SiGe
SE2520L-EV1 Evaluation Board.
Output Power vs. Input Power
10
12
14
16
18
20
22
24
26
-18 -16 -14 -12 -10 -8 -6 -4 -2
0
2
Input Power (dBm)
3V
3.3V
3.6V
Output Power vs. Input Power
10
12
14
16
18
20
22
24
26
-18 -16 -14 -12 -10 -8 -6 -4 -2
0
2
Input Power (dBm)
3V
3.3V
3.6V
ACPR vs. Output Power
-40
-35
-30
-25
-20
-15
10
12
14
16
18
20
22
24
Output Power (dBm)
3V
3.3V
3.6V
ACPR vs. Input Power
-40
-35
-30
-25
-20
-15
-18 -16 -14 -12 -10 -8 -6 -4 -2
0
2
Input Power (dBm)
3V
3.3V
3.6V
15-DST-01 Rev 4.8 Oct 28/02
5 of 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com