Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2520L-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2520L-R
Description  RangeCharger 2.4GHz Power Amplifier IC Final
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2520L-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2520L-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2520L-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SE2520L
RangeCharger™ 2.4GHz Power Amplifier IC
Final
Applications
IEEE 802.11b DSSS Radios, Wireless LAN
2.4GHz Cordless Phones, ISM Radios
Bluetooth™ Wireless Technology
Features
High linear output power for IEEE802.11b,
+20dBm, ACPR 1
st lobe –30dBc, 2nd lobe –50dBc
Low current consumption: 110mA at 3.3V
High saturated output power for cordless
telephone applications: +23dBm, 140mA at 3.6V
Single supply voltage: 2.7 to 3.6V
Wide Temperature range: -40 to +85°C
Integrated linear analog control for DC current
and output power management
Small plastic package, 6 Pin LPCC
Ordering Information
Type
Package
Remark
SE2520L
6 Pin LPCC
(1)
Samples
SE2520L-R
6 Pin LPCC
(1)
Shipped in
Tape & Reel
SE2520L-EK1
Evaluation Kit
Standard
SE2520L-EK3
Evaluation Kit
Power Detect,
Filter, Rx/Tx
and Diversity
Switches
Notes: (1) JEDEC QFN package.
Product Description
The SE2520L is a power amplifier IC designed for the
2.4GHz ISM band and compliant with the IEEE
802.11b WLAN standard, providing up to +20dBm
typical output power at 3.3V with ACPR of –30dBc 1
st
lobe and –50dBc 2
nd lobe, and requiring only 110mA.
For 2.4GHz cordless telephone applications, the
SE2520L produces +23dBm typical saturated output
power at 3.6V.
The SE2520L contains a linear analog control (0.1 to
1.6V) for controlling DC current and output power.
The SE2520L includes a digital enable control for
device on/off control. Ramping is 1 µsec typical.
This device is capable of operating at a duty cycle of
100 percent.
Functional Block Diagram
Stage 1
Stage 2
Interstage
Match
Bias Generator
V
CTL
V
CC0
V
EN
IN
OUT/V
CC2
V
CC1
GND
GND
15-DST-01 Rev 4.8 Oct 28/02
1 of 8


Similar Part No. - SE2520L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
logo
Skyworks Solutions Inc.
SE2521A60 SKYWORKS-SE2521A60 Datasheet
563Kb / 17P
2.4 GHz Wireless LAN Front-End
September 25, 2012
logo
SiGe Semiconductor, Inc...
SE2521A60-EK1 SIGE-SE2521A60-EK1 Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
logo
Skyworks Solutions Inc.
SE2521A60-EK1 SKYWORKS-SE2521A60-EK1 Datasheet
563Kb / 17P
2.4 GHz Wireless LAN Front-End
September 25, 2012
logo
SiGe Semiconductor, Inc...
SE2521A60-R SIGE-SE2521A60-R Datasheet
451Kb / 16P
RangeCharger??2.4 GHz Wireless LAN Front End
More results

Similar Description - SE2520L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522BL SIGE-SE2522BL Datasheet
399Kb / 8P
RangeCharger??2.4GHz 23 dBm Power Amplifier Preliminary Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
logo
Intersil Corporation
HFA3983 INTERSIL-HFA3983 Datasheet
133Kb / 7P
2.4GHz Power Amplifier and Detector
March 2000
logo
Micro Linear Corporatio...
ML2724 MICRO-LINEAR-ML2724 Datasheet
864Kb / 26P
2.4GHz Low-IF 1.5Mbps FSK Transceiver Final Datasheet
logo
SiGe Semiconductor, Inc...
SE2529L SIGE-SE2529L Datasheet
190Kb / 10P
RangeCharger 2.4GHz Power Amplifier
logo
Intersil Corporation
ISL3984 INTERSIL-ISL3984 Datasheet
116Kb / 7P
2.4GHz Power Amplifier and Detector
December 2000
logo
Tyco Electronics
AM52-0024 MACOM-AM52-0024_1 Datasheet
315Kb / 5P
Power Amplifier 0.5W 2.4GHz
logo
SiGe Semiconductor, Inc...
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
PA2423L SIGE-PA2423L_06 Datasheet
200Kb / 10P
RangeCharger 2.4 GHz Power Amplifier IC
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com