Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2209E Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP2209E
Description  High ESD Dual Port RS-232 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2209E Datasheet(HTML) 1 Page - Sipex Corporation

  SP2209E Datasheet HTML 1Page - Sipex Corporation SP2209E Datasheet HTML 2Page - Sipex Corporation SP2209E Datasheet HTML 3Page - Sipex Corporation SP2209E Datasheet HTML 4Page - Sipex Corporation SP2209E Datasheet HTML 5Page - Sipex Corporation SP2209E Datasheet HTML 6Page - Sipex Corporation SP2209E Datasheet HTML 7Page - Sipex Corporation SP2209E Datasheet HTML 8Page - Sipex Corporation SP2209E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
SP2209E DS/06
SP2209E High ESD Dual Port RS-232 Transceivers
© Copyright 2000 Sipex Corporation
DESCRIPTION
The rugged, high ESD SP2209E device is a complete dual RS-232 port integrated onto a
single integrated circuit. Six drivers and ten receivers provide designers a dual port solution
fully meeting the EIA/TIA-232 and ITU-T V.28/V.24 communication protocols and can be
implemented in applications such as personal desktop computers and workstations.
Features include high transmission rates, low power consumption, an internal charge-pump
power supply that requires only two capacitors, space saving 38-pin TSSOP package
dimensions, and compatibility with the EU directive on electromagnetic compatibility.
This device is ideal for operation in electrically harsh environments or where RS-232 cables
are frequently being plugged and unplugged. This device is also immune to high RF field
strengths without special shielding precautions.
SP2209E
High ESD Dual Port RS-232 Transceiver
s Meets True EIA/TIA-232-F Standards
s Complies with 89/336/EEC EMC Directive
s Single +12V Power Supply
s <5mA Low Power CMOS Operation
s 100
µA Low Standby Current
s Operates With +3V Or +5V Logic
s Allows +3.3V to +5V Standby Supply
s Two Complete Serial Ports, 6 Drivers and
10 Receivers
s One Receiver On Each Port Active In
Standby
s Failsafe Receiver Outputs
s 460kbps Minimum Data Rate
s Guaranteed LapLink® - Compatible
s Ideal For High Speed RS-232 Applications
s 0.1
µF Charge Pump Capacitors
s Low EMI Emissions (EN55022)
s Pin Compatible To ADM2209E device
s Enhanced ESD Specifications:
+15KV Human Body Model
+15KV EN61000-4-2 Air Discharge
+8KV EN61000-4-2 Contact Discharge
s Fast Transient Burst (EFT) Immunity
(EN61000-4-2)
®


Similar Part No. - SP2209E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
High ESD Dual Port RS-232 Transceiver
logo
Exar Corporation
SP2209E EXAR-SP2209E Datasheet
717Kb / 17P
High ESD Dual Port RS-232 Transceiver
logo
Sipex Corporation
SP2209EEY SIPEX-SP2209EEY Datasheet
174Kb / 15P
High ESD Dual Port RS-232 Transceiver
More results

Similar Description - SP2209E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST202E STMICROELECTRONICS-ST202E Datasheet
95Kb / 12P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Apr-2000
ST207E STMICROELECTRONICS-ST207E Datasheet
62Kb / 9P
± 15KV ESD PROTECTED 5V RS-232 TRANSCEIVER
Jun-2000
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
High ESD Dual Port RS-232 Transceiver
logo
Texas Instruments
SN752232 TI-SN752232 Datasheet
171Kb / 11P
DUAL RS-232 PORT
logo
STMicroelectronics
ST207E STMICROELECTRONICS-ST207E_06 Datasheet
507Kb / 17P
짹 15kV ESD protected 5V RS-232 transceiver
14-Mar-2006
logo
Texas Instruments
SN752232 TI-SN752232_06 Datasheet
228Kb / 14P
DUAL RS-232 PORT
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
187Kb / 13P
Programmable Dual RS-232/RS-485 Transceiver
logo
Exar Corporation
SP2209E EXAR-SP2209E Datasheet
717Kb / 17P
High ESD Dual Port RS-232 Transceiver
SP331 EXAR-SP331 Datasheet
912Kb / 13P
Programmable Dual RS-232/RS-485 Transceiver
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com