Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2209E Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP2209E
Description  High ESD Dual Port RS-232 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2209E Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP2209E Datasheet HTML 2Page - Sipex Corporation SP2209E Datasheet HTML 3Page - Sipex Corporation SP2209E Datasheet HTML 4Page - Sipex Corporation SP2209E Datasheet HTML 5Page - Sipex Corporation SP2209E Datasheet HTML 6Page - Sipex Corporation SP2209E Datasheet HTML 7Page - Sipex Corporation SP2209E Datasheet HTML 8Page - Sipex Corporation SP2209E Datasheet HTML 9Page - Sipex Corporation SP2209E Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SP2209E DS/06
SP2209E High ESD Dual Port RS-232 Transceivers
© Copyright 2000 Sipex Corporation
6
Figure 2. SP2209E Typical Operating Circuit
SP2209E
29
11
30
10
5K
Ω
5K
Ω
5K
Ω
5K
Ω
5K
Ω
C+
C-
V-
VDD
8
7
6
5
4
3
2
1
0.1
µF
0.1
µF
+
+
0.1
µF
31
32
33
34
35
36
37
38
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
+12V
T
1INA
R
1OUTA
R
1INA
T
2OUTA
T
2INA
T
3INA
T
3OUTA
T
1OUTA
R
2INA
R
3INA
R
4INA
R
5INA
R
2OUTA
R
3OUTA
R
4OUTA
R
5OUTA
5K
Ω
5K
Ω
5K
Ω
5K
Ω
5K
Ω
12
13
14
15
16
17
18
19
27
26
25
24
23
22
21
20
RS-232
OUTPUTS
RS-232
INPUTS
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
T
1INB
R
1OUTB
R
1INB
T
2OUTB
T
2INB
T
3INB
T
3OUTB
T
1OUTB
R
2INB
R
3INB
R
4INB
R
5INB
R
2OUTB
R
3OUTB
R
4OUTB
R
5OUTB
GND
28
+3.3V
9
400K
Ω
400K
Ω
400K
Ω
400K
Ω
400K
Ω
400K
Ω
0.1
µF
+
STBY
C2
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com