Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2209E Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP2209E
Description  High ESD Dual Port RS-232 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2209E Datasheet(HTML) 2 Page - Sipex Corporation

  SP2209E Datasheet HTML 1Page - Sipex Corporation SP2209E Datasheet HTML 2Page - Sipex Corporation SP2209E Datasheet HTML 3Page - Sipex Corporation SP2209E Datasheet HTML 4Page - Sipex Corporation SP2209E Datasheet HTML 5Page - Sipex Corporation SP2209E Datasheet HTML 6Page - Sipex Corporation SP2209E Datasheet HTML 7Page - Sipex Corporation SP2209E Datasheet HTML 8Page - Sipex Corporation SP2209E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SP2209E DS/06
SP2209E High ESD Dual Port RS-232 Transceivers
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability and cause permanent damage to the
device.
V
DD......................................................-0.3V to +14.0V
V
STBY........................................................-0.3V to +7V
Input Voltages
T
XINA........................................-0.3V to (VSTBY + 0.3V)
T
XINB........................................-0.3V to (VSTBY + 0.3V)
R
XINA..................................................................+15V
R
XINB..................................................................+15V
Unless otherwise noted, the following specifications apply for V
DD = +12.0V + 10%, VSTBY = +3.3V + 5% or +5V + 10%,
C1 = C2 = 0.1
µF, and T
AMB = TMIN to TMAX.
SPECIFICATIONS
Output Voltages
T
XOUTA..............................................................+15V
T
XOUTB..............................................................+15V
R
XOUTA...................................-0.3V to (VSTBY + 0.3V)
R
XOUTB...................................-0.3V to (VSTBY + 0.3V)
Short-CircuitDuration
T
XOUTA....................................................Continuous
T
XOUTB....................................................Continuous
Storage Temperature........................-65
°C to +150°C
Power Dissipation per package
38-pin TSSOP (derate 14.3mW/oC above +70oC).....1200mW
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
D
t
n
e
r
r
u
C
y
l
p
p
u
S5
A
m
,
V
1
.
2
r
o
V
4
.
0
t
a
s
t
u
p
n
i
r
e
v
i
r
d
ll
a
,
d
a
o
l
o
n
V
5
1
-
r
o
V
5
1
+
t
a
s
t
u
p
n
i
r
e
v
i
e
c
e
r
ll
a
V
,
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
S
Y
B
T
S
0
0
10
0
2
µA
V
t
a
s
t
u
p
n
i
r
e
v
i
r
d
ll
a
,
d
a
o
l
o
n
Y
B
T
S
n
e
p
o
r
o
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
c
i
g
o
L
t
u
p
n
I
W
O
L
H
G
I
H1
.
2
4
.
0V
T
B
M
A
5
2
=
oC
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I0
15
2
µA
V
0
t
a
t
u
p
n
i
r
e
v
i
r
D
W
O
L
e
g
a
t
l
o
V
t
u
p
t
u
O2
.
04
.
0V
I
L
O
A
m
6
.
1
+
=
H
G
I
H
e
g
a
t
l
o
V
t
u
p
t
u
O4
.
2V
I
H
O
0
4
-
=
µA
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O+
5
0
.
0+5
µA
V
D
D
R
t
p
e
c
x
e
(
,
V
0
=
5
R
d
n
a
A
T
U
O
5
)
B
T
U
O
CMOS LOGIC INPUTS AND RECEIVER OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com