Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2209E Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP2209E
Description  High ESD Dual Port RS-232 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2209E Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP2209E Datasheet HTML 7Page - Sipex Corporation SP2209E Datasheet HTML 8Page - Sipex Corporation SP2209E Datasheet HTML 9Page - Sipex Corporation SP2209E Datasheet HTML 10Page - Sipex Corporation SP2209E Datasheet HTML 11Page - Sipex Corporation SP2209E Datasheet HTML 12Page - Sipex Corporation SP2209E Datasheet HTML 13Page - Sipex Corporation SP2209E Datasheet HTML 14Page - Sipex Corporation SP2209E Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
SP2209E DS/06
SP2209E High ESD Dual Port RS-232 Transceivers
© Copyright 2000 Sipex Corporation
Figure 13. Dual Serial Port Application with Two DB9 Connectors
6
7
8
9
1
2
3
4
5
DB-9
Connector
COM1
5K
Ω
5K
Ω
5K
Ω
5
4
3
34
35
36
R
1OUTA
R
1INA
R
2INA
R
3INA
R
2OUTA
R
3OUTA
8
7
31
32
T
1INA
T
2OUTA
T
2INA
T
1OUTA
6
33
T
3INA
T
3OUTA
5K
Ω
2
37
R
4INA
R
4OUTA
5K
Ω
1
38
R
5INA
R
5OUTA
TXD
CTS
DTR
RI
RXD
DSR
DCD
RTS
TXD
CTS
DTR
RI
RXD
DSR
DCD
RTS
6
7
8
9
1
2
3
4
5
DB-9
Connector
COM2
5K
Ω
5K
Ω
5K
Ω
15
16
17
24
23
22
R
1OUTB
R
1INB
R
2INB
R
3INB
R
2OUTB
R
3OUTB
12
13
27
26
T
1INB
T
2OUTB
T
2INB
T
1OUTB
14
25
T
3INB
T
3OUTB
5K
Ω
18
21
R
4INB
R
4OUTB
5K
Ω
19
20
R
5INB
R
5OUTB
TXD
CTS
DTR
RI
RXD
DSR
DCD
RTS
TXD
CTS
DTR
RI
RXD
DSR
DCD
RTS
SP2209E
Super
I/O Chip
29
11
30
C+
C-
V-
0.1
µF
+
0.1
µF
GND
28
STBY
9
0.1
µF
10
VDD
+3.3V to +5V
400K
Ω
400K
Ω
400K
Ω
400K
Ω
400K
Ω
400K
Ω
0.1
µF +12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com