Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP2209E Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP2209E
Description  High ESD Dual Port RS-232 Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP2209E Datasheet(HTML) 3 Page - Sipex Corporation

  SP2209E Datasheet HTML 1Page - Sipex Corporation SP2209E Datasheet HTML 2Page - Sipex Corporation SP2209E Datasheet HTML 3Page - Sipex Corporation SP2209E Datasheet HTML 4Page - Sipex Corporation SP2209E Datasheet HTML 5Page - Sipex Corporation SP2209E Datasheet HTML 6Page - Sipex Corporation SP2209E Datasheet HTML 7Page - Sipex Corporation SP2209E Datasheet HTML 8Page - Sipex Corporation SP2209E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
SP2209E DS/06
SP2209E High ESD Dual Port RS-232 Transceivers
© Copyright 2000 Sipex Corporation
SPECIFICATIONS (continued)
Unless otherwise noted, the following specifications apply for V
DD = +12.0V + 10%, VSTBY = +3.3V + 5% or +5V + 10%,
C1 = C2 = 0.1
µF, and T
AMB = TMIN to TMAX.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
kbps
DRIVER OUTPUTS
Output Voltage Swing
+5.0
+9.0
V
all driver outputs loaded with 3K
Ω to GND
Output Resistance
300
Ω
V
DD = VSTBY = 0V, VOUT = +2V
Output Short-Circuit Current
+5
+15
+30
mA
one driver output shorted, V
IN = 0.8V,
V
OUT = 0V
RECEIVER INPUTS
Input Voltage Range
-15
+15
V
Input Threshold LOW
0.4
1.45
V
Input Threshold HIGH
1.7
2.4
V
Input Hysteresis
0.25
V
Input Resistance
3
5
7
k
Ω
V
IN = +15V
TIMING CHARACTERISTICS
Driver Maximum Data Rate
460
R
L = 3kΩ to 7kΩ, CL = 50pF to 470pF
460
R
L = 3kΩ to 7kΩ, CL = 50pF to 1000pF
kbps
T
AMB = 0
oC to +85oC, V
STBY = 5V + 10% only
920
R
L = 3kΩ to 7kΩ, CL = 50pF to 470pF,
V
STBY = 5V + 5%, VDD = 12V + 5%
Driver Propagation Delay
t
PHL
1.0
µsR
L = 3kΩ, CL = 1000pF,
refer to
Figures 3 and 5
t
PLH
1.0
R
L = 3kΩ, CL = 1000pF,
refer to
Figures 3 and 5
Driver Transition-Region
6
16
R
L = 3kΩ to 7kΩ, CL = 50pF to 470pF
Slew Rate
4
16
V/
µsR
L = 3kΩ to 7kΩ, CL = 50pF to 1000pF
V
STBY = 5V + 10% only, measurements
taken from -3.0V to +3.0V or +3.0V to -3.0V
Receiver Maximum Data Rate
460
C
L = 150pF
920
C
L = 150pF, VSTBY = 5V + 5% only
Receiver Propagation Delay
t
PHL (R1x - R4x)
0.4
0.75
C
L = 150pF, refer to Figures 4 and 6
t
PLH (R1x -R4x)
0.4
0.75
µsC
L = 150pF, refer to Figures 4 and 6
t
PHL (R5x)
1.0
2.0
C
L = 150pF, refer to Figures 4 and 6
t
PLH (R5x)
1.0
2.0
C
L = 150pF, refer to Figures 4 and 6
Receiver Output Rise Time
30
ns
refer to
Figures 4 and 6
Receiver Output Fall Time
30
ns
refer to
Figures 4 and 6
OPERATING CHARACTERISTICS
Operating Voltage Range, V
DD
+10.8
+12.0
+13.2
V
Standby Voltage Range, V
STBY
+3.15
+5.5
V
Operating Temperature, T
AMB
-40
+85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com