Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP319 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP319
Description  20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP319 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP319 Datasheet HTML 5Page - Sipex Corporation SP319 Datasheet HTML 6Page - Sipex Corporation SP319 Datasheet HTML 7Page - Sipex Corporation SP319 Datasheet HTML 8Page - Sipex Corporation SP319 Datasheet HTML 9Page - Sipex Corporation SP319 Datasheet HTML 10Page - Sipex Corporation SP319 Datasheet HTML 11Page - Sipex Corporation SP319 Datasheet HTML 12Page - Sipex Corporation SP319 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
SP319DS/08
SP319 20Mbps, +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2000 Sipex Corporation
Since both V+ and V- are separately generated
from Vcc in a no load condition, V+and V- will
be symmetrical. Older charge pump approaches
that generate V- from V+ will show a decrease
in the magnitude of V- compared to V+ due to
the inherent inefficiencies in design.
The clock rate for the charge pump typically
operates at 15kHz with 0.1
µF, 16V external
capacitors.
Shutdown Mode
The SP319 can be put into a low power
shutdown mode by bringing both TS000 (pin 3)
and ENV35 (pin 9) low. In shutdown mode,
SP319 draws less than 2mA. For normal
operation, both pins should be connected to +5V.
Termination Enable
The SP319 includes a termination enable pin
that connects or disconnects the receiver input
termination circuitry. A TTL logic LOW at ENT
(pin 75) will connect the "Y" termination network
to the V.35 receiver inputs. A TTL logic HIGH
at ENT (pin 75) will disconnect the "Y" termi-
nation network and the receivers will operate as
V.11 compliant receivers. The ENT pin has an
internal pull-down resistor so that a floating
input will enable the termination network. The
SP319 is compatible with the SP320 since pin
75 on the SP320 is designated as a no connect.
External Power Supplies
For applications where separate external
supplies can be applied at the V+ and V- pins.
The value of the external supply voltages should
not exceed +10V. It is critical the external power
supplies provide a power supply sequence of :
+10V, +5V, and then -10V.
Applications Information
The SP319 is a single chip device that can
implement a complete V.35 interface. Three (3)
V.35 drivers and three (3) V.35 receivers are
used for clock and data signals and four (4)
RS-232 (V.28) drivers and four (4) RS-232
(V.28) receivers can be used for the control
signals of the interface. Figures 25 and 28
show the SP319 configured in DTE and DCE
applications along with an ISO-2593 pin out.
+10V
a) C
2
+
GND
GND
b) C
2
–
–10V
Figure 20. Charge Pump Waveforms
Figure 20 shows the waveforms on the positive
and negative sides of capacitor C2 respectively.
A free-running oscillator controls the four
phases of the voltage shifting. A description
of each phase follows.
Phase 1: V
SS Charge Storage (Figure 21)
During this phase of the clock cycle, the positive
side of capacitors C1 and C2 are charged to
+5V. C1+ is switched to ground and the charge
on C1- is transferred to C2-. Since C2+ is
connected to +5V, the voltage potential across
capacitor C2 becomes 10V.
Phase 2: V
SS Transfer (Figure 22)
Phase two of the clock connects the negative
terminal of C2 to the Vss storage capacitor
and the positive terminal of C2 to ground,
and transfers the generated -10V to C3.
Simultaneously, the positive side of capacitor
C1 is switched to +5V and the negative side
is connected to ground.
Phase 3: V
DD Charge Storage (Figure 23)
The third phase of the clock is identical to
the first phase - the transferred charge on C1
produces -5V on the negative terminal of C1,
which is applied to the negative side of
capacitor C2. Since C2+ is at +5V, the voltage
potential across C2 is +10V.
Phase 4: V
DD Transfer (Figure 24)
The fourth phase of the clock connects the
negative terminal of C2 to ground and transfers
the generated +10V across C2 to C4, the Vdd
storage capacitor. The positive side of capacitor
C1 is switched to +5V and the negative side is
connected to ground, and the cycle begins again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com