Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP319 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP319
Description  20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP319 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP319 Datasheet HTML 6Page - Sipex Corporation SP319 Datasheet HTML 7Page - Sipex Corporation SP319 Datasheet HTML 8Page - Sipex Corporation SP319 Datasheet HTML 9Page - Sipex Corporation SP319 Datasheet HTML 10Page - Sipex Corporation SP319 Datasheet HTML 11Page - Sipex Corporation SP319 Datasheet HTML 12Page - Sipex Corporation SP319 Datasheet HTML 13Page - Sipex Corporation SP319 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
SP319DS/08
SP319 20Mbps, +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2000 Sipex Corporation
14 DRIN1
61 DRA1
59 DRB1
13 T1IN
58 T1OUT
16 T2IN
54 T2OUT
17 T3IN
47 T3OUT
24 T4IN
51 T4OUT
22 DRIN2
42 DRA2
44 DRB2
15 DRIN3
63 DRA3
65 DRB3
23 STEN
6 TTEN
RCA1 70
RCOUT 1
RCB1 71
RCA2 37
RCOUT2 20
RCB2 38
R1IN 66
R1OUT 80
R2IN 68
R2OUT 78
R3IN 35
R3OUT 19
R4IN 39
R4OUT 21
RCA3 76
RCOUT3 79
RTEN 7
RCB3 77
RXD
104(A)
104(B)
CTS
106
DSR
107
DCD
109
RI
125
RXC
115(A)
115(B)
TXCC
114(A)
114(B)
103(A)
103(B)
TXD
113(A)
TXC
113(B)
RTS
105
DTR
108
RLPBK
140
LLPBK
141
SPARE
SPARE
SPARE
29, 34, 43, 60, 64, 72
VDD
32
26
30
28
31
C1+
C1-
C2+
C2-
27
VSS
VCC
0.1
µF
0.1
µF
0.1
µF
0.1
µF
+5V
25, 33, 41, 62, 73
5k
Ω
5k
Ω
5k
Ω
100
Ω
100
Ω
400K
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
100
Ω
3 TS000
9 ENV35
+5V
5k
Ω
+
+
+
+
75 ENT
A
Chasis Ground
C
Request to Send
E
DCE Ready (DSR)
H
DTE Ready (DTR)
K
Unassigned---
M
Unassigned---
P
Transmitted Data (A)
S
Transmitted Data (B)
U
Terminal Timing (A) } 113(A)
W
Terminal Timing (B) } 113(B)
Y
Transmit Timing (A) } 114(A)
AA
Transmit Timing (B) } 114(B)
CC
Unassigned---
EE
Unassigned---
HH
Unassigned---
KK
Unassigned---
MM
Unassigned---
Signal Ground
B
Clear to Send
D
Data Carrier Detect
F
Ring Indicator
J
Local Loopback
L
Remote Loopback
N
Receive Data (A)
R
Receive Data (B)
T
Receive Timing (A)
V
Receive Timing (B)
X
Unassigned---
Z
Unassigned---
BB
Unassigned---
DD
Unassigned---
FF
Unassigned---
JJ
Unassigned---
LL
Test Mode
NN
SP319
Figure 26. ISO-2593 Connector Pin Out
Figure 27. Typical DCE V.35 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com