Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP319 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP319
Description  20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP319 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP319 Datasheet HTML 6Page - Sipex Corporation SP319 Datasheet HTML 7Page - Sipex Corporation SP319 Datasheet HTML 8Page - Sipex Corporation SP319 Datasheet HTML 9Page - Sipex Corporation SP319 Datasheet HTML 10Page - Sipex Corporation SP319 Datasheet HTML 11Page - Sipex Corporation SP319 Datasheet HTML 12Page - Sipex Corporation SP319 Datasheet HTML 13Page - Sipex Corporation SP319 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
SP319DS/08
SP319 20Mbps, +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2000 Sipex Corporation
0.1
µF
25
27 26 30
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
0.1
µF
SP319CF
14
79
28
31
0.1
µF
+5V
15
20
1
22
0.1
µF
0.1
µF
25
27 26 30
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
0.1
µF
28
31
0.1
µF
+5V
0.1
µF
RCOUT
1
14
20
79
22
15
14
TxD (103)
TxC (113)
TxCC (114)
RxC (115)
RxD (104)
DTR (108)
RTS (105)
RL (140)
LL (141)
DSR (107)
CTS (106)
DCD (109)
TM (142)
78
R1OUT
80
R4OUT
21
RCOUT
2
RCOUT
3
DRIN
2
DRIN
3
DRIN
1
R2OUT
R3OUT
19
T2IN
16
T1IN
13
T3IN
17
T4IN
24
DRIN
1
DRIN
3
DRIN
2
RCOUT
3
RCOUT
2
RCOUT
1
T2IN
16
T1IN
13
T3IN
17
T4IN
24
R2OUT
78
R1OUT
80
R3OUT
19
R4OUT
21
P
S
U
W
Y
AA
X
V
T
R
H
C
N
L
E
D
F
NN
P
S
U
W
Y
AA
X
V
T
R
H
C
L
E
D
F
N
NN
29, 34, 43, 60, 64, 72
29, 34, 43, 60, 64, 72
B
B
AA
ISO2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
ISO2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
SP319CF
Figure 25. Typical DTE-DCE V.35 Connection using the SP319
Figure 21. Charge Pump Phase 1
Figure 22. Charge Pump Phase 2
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
Figure 23. Charge Pump Phase 3
Figure 24. Charge Pump Phase 4
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com