Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP319 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP319
Description  20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP319 Datasheet(HTML) 1 Page - Sipex Corporation

  SP319 Datasheet HTML 1Page - Sipex Corporation SP319 Datasheet HTML 2Page - Sipex Corporation SP319 Datasheet HTML 3Page - Sipex Corporation SP319 Datasheet HTML 4Page - Sipex Corporation SP319 Datasheet HTML 5Page - Sipex Corporation SP319 Datasheet HTML 6Page - Sipex Corporation SP319 Datasheet HTML 7Page - Sipex Corporation SP319 Datasheet HTML 8Page - Sipex Corporation SP319 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
SP319DS/08
SP319 20Mbps, +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2000 Sipex Corporation
SP319
s 20Mbps V.35 Data Throughput
s +5V-Only, Single Supply Operation
s 3 Drivers, 3 Receivers – V.35
s 4 Drivers, 4 Receivers – RS-232
s Improved V.35 Receiver Propagation
Delays
s No External V.35 Termination
Resistors Required
s Termination Disable for V.35
s 80-pin QFP Surface Mount Packaging
s Pin Compatible with SP320
DESCRIPTION
The SP319 is a complete V.35 interface transceiver offering 3 drivers and 3 receivers for
V.35, and 4 drivers and 4 receivers for RS-232 (V.28). A Sipex patented charge pump allows
+5V only low power operation. RS-232 drivers and receivers are specified to operate at 120kbps,
all V.35 drivers and receivers operate up to 10Mbps.
20Mbps, +5V-Only V.35 Interface
with RS-232 (V.28) Control Lines
14 DRIN1
61 DRA1
59 DRB1
13 T1IN
58 T1OUT
16 T2IN
54 T2OUT
17 T3IN
47 T3OUT
24 T4IN
51 T4OUT
22 DRIN2
42 DRA2
44 DRB2
15 DRIN3
63 DRA3
65 DRB3
23 STEN
6 TTEN
RCA1 70
RCOUT 1
RCB1 71
RCA2 37
RCOUT2 20
RCB2 38
R1IN 66
R1OUT 80
R2IN 68
R2OUT 78
R3IN 35
R3OUT 19
R4IN 39
R4OUT 21
RCA3 76
RCOUT3 79
RTEN 7
RCB3 77
29, 34, 43, 60, 64, 72
VDD
32
26
30
28
31
C1+
C1-
C2+
C2-
27
VSS
VCC
0.1
µF
0.1
µF
0.1
µF
0.1
µF
+5V
25, 33, 41, 62, 73
5k
Ω
5k
Ω
5k
Ω
100
Ω
100
Ω
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
400k
Ω
Vcc
100
Ω
3 TS000
9 ENV35
+5V
5k
Ω
+
+
+
+
75 ENT
SP319
60 GND
59 DRB1
58 T1OUT
57 NC
56 NC
55 NC
54 T2OUT
53 NC
52 NC
51 T4OUT
50 NC
49 NC
48 NC
47 T3OUT
46 NC
45 NC
44 DRB2
43 GND
42 DRA2
41 VCC
RCOUT1 1
NC 2
TS000 3
NC 4
NC 5
TTEN 6
RTEN 7
NC 8
ENV35 9
NC 10
NC 11
NC 12
T1IN 13
DRIN1 14
DRIN3 15
T2IN 16
T3IN 17
NC 18
R3OUT 19
RCOUT2 20
SP319
Typical Applications Circuit
Pinout
®


Similar Part No. - SP319

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP310A SIPEX-SP310A Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
SP310A SIPEX-SP310A Datasheet
913Kb / 16P
Enhanced RS-232 Line Drivers/Receivers
SP310A SIPEX-SP310A Datasheet
206Kb / 12P
Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP310A EXAR-SP310A Datasheet
677Kb / 13P
Enhanced RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP310ACP SIPEX-SP310ACP Datasheet
126Kb / 8P
Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP319

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
5V RS-232
logo
Sipex Corporation
SP320 SIPEX-SP320_07 Datasheet
225Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Exar Corporation
SP320 EXAR-SP320 Datasheet
791Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
PHOENIX CONTACT
2787318 PHOENIX-2787318 Datasheet
78Kb / 3P
Interface converter, for converting RS-232 (V.24) to RS-422 (V.11), with galvanic isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com