Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP319 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP319
Description  20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP319 Datasheet(HTML) 4 Page - Sipex Corporation

  SP319 Datasheet HTML 1Page - Sipex Corporation SP319 Datasheet HTML 2Page - Sipex Corporation SP319 Datasheet HTML 3Page - Sipex Corporation SP319 Datasheet HTML 4Page - Sipex Corporation SP319 Datasheet HTML 5Page - Sipex Corporation SP319 Datasheet HTML 6Page - Sipex Corporation SP319 Datasheet HTML 7Page - Sipex Corporation SP319 Datasheet HTML 8Page - Sipex Corporation SP319 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SP319DS/08
SP319 20Mbps, +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2000 Sipex Corporation
Figure 1. V.11 and V.35 Driver Output Open-Circuit
Voltage
A
B
V
OC
3.9k
Ω
V
OCA
V
OCB
C
Figure 2. V.35 Driver Output Test Terminated Voltage
A
B
50
Ω
C
50
Ω
V
T
V
OS
Figure 3. V.35 Driver Output Offset Voltage
A
B
50
Ω
C
50
Ω
V
T
V
OS
Figure 4. V.35 Driver Output Source Impedance
A
B
V
2
50
Ω
C
24kHz, 550mVp-p
Sine Wave
V
1
Figure 6. V.35 Driver Output Rise/Fall Time
Figure 5. V.35 Driver Output Short-Circuit Impedance
A
B
C
I
SC
±2V
A
B
C
50
Ω
Oscilloscope
50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com