Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3490 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP3490
Description  3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3490 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP3490 Datasheet HTML 3Page - Sipex Corporation SP3490 Datasheet HTML 4Page - Sipex Corporation SP3490 Datasheet HTML 5Page - Sipex Corporation SP3490 Datasheet HTML 6Page - Sipex Corporation SP3490 Datasheet HTML 7Page - Sipex Corporation SP3490 Datasheet HTML 8Page - Sipex Corporation SP3490 Datasheet HTML 9Page - Sipex Corporation SP3490 Datasheet HTML 10Page - Sipex Corporation SP3490 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev. 10/11/02
SP3490/3491 Low Power Full-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
8
DESCRIPTION
The SP3490 and the SP3491 are two members
in the family of +3.3V low power full duplex
transceivers that meet the electrical specifications
of the RS-485 and RS-422 serial protocols.
These devices are pin-to-pin compatible with
the Sipex SP490 and the SP491 devices as well
as popular industry standards. The SP3490 and
the SP3491 feature Sipex's BiCMOS process
allowing low power operation without sacrificing
performance.
Driver
The drivers for both the SP3490 and SP3491
have differential outputs. The typical voltage
output swing with no load will be 0 volts to V
CC.
With a load of 54
Ω across the differential
outputs, the driver maintains greater than 1.5V
voltage levels.
The driver of the SP3491 has a driver enable
control line which is active high. A logic high on
DE (pin 4) of the SP3491 will enable the differ-
ential driver outputs. A logic low on DE (pin 4)
of the SP3491 will tri-state the driver outputs.
The SP3490 does not have a driver enable.
Receiver
The receivers for the SP3490 and SP3491 have
differential inputs with an input sensitivity
as low as
±100mV. Input impedance of the
receivers is typically 15k
Ω (12kΩ minimum).
A wide common mode range of -7V to +12V
allows for large ground potential differences
between systems. The receivers for both the
SP3490 and SP3491 are equipped with a
fail-safe feature that guarantees the receiver
output will be in a high state when the input
is left unconnected.
The receiver of the SP3491 has a receiver enable
control line which is active low. A logic low on
REB (pin 3) of the SP3491 will enable the
differential receiver. A logic high on REB
(pin 3) of the SP3491 will tri-state the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com