Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3490 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3490
Description  3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3490 Datasheet(HTML) 1 Page - Sipex Corporation

  SP3490 Datasheet HTML 1Page - Sipex Corporation SP3490 Datasheet HTML 2Page - Sipex Corporation SP3490 Datasheet HTML 3Page - Sipex Corporation SP3490 Datasheet HTML 4Page - Sipex Corporation SP3490 Datasheet HTML 5Page - Sipex Corporation SP3490 Datasheet HTML 6Page - Sipex Corporation SP3490 Datasheet HTML 7Page - Sipex Corporation SP3490 Datasheet HTML 8Page - Sipex Corporation SP3490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Rev. 10/11/02
SP3490/3491 Low Power Full-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
■ Full Duplex RS-485 and RS-422
Transceivers
■ Operates from a single +3.3V supply
■ Interoperable with +5.0V logic
■ Driver/Receiver Tri-state Enable
Lines (SP3491)
■ -7V to +12V Common-Mode Input
Voltage Range
■ +200mV Receiver Input Sensitivity
■ Allows up to 32 transceivers on
the serial bus
■ Compatibility with LTC490
and SN75179 (SP3490)
■ Compatibility with LTC491
and SN75180 (SP3491)
SP3490/SP3491
DESCRIPTION
The SP3490 and the SP3491 are +3.3V low power full duplex transceivers that meet the
specifications of the RS-485 and RS-422 serial protocols. These devices are pin-to-pin
compatible with the Sipex SP490 and SP491 devices as well as popular industry standards.
The SP3490 and the SP3491 feature Sipex's BiCMOS process, allowing low power operation
without sacrificing performance. The SP3490 and SP3491 meet the electrical specifications
of RS-485 and RS-422 serial protocols up to 10Mbps under load. The SP3491 is identical to
the SP3490 with the addition of driver and receiver tri-state enable lines.
6
1
2
3
4
5
7
8
Vcc
GND
R
D
A
B
Z
Y
R
D
9
10
11
12
13
14
NC
REB
DE
GND
NC
NC
1
2
3
4
5
6
7
8
R
D
Vcc
GND
R
D
A
B
Z
Y
SP3490
SP3491
+3.3V Low Power Full Duplex RS-485
Transceivers with 10Mbps Data Rate
®


Similar Part No. - SP3490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490CN SIPEX-SP3490CN Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490CN-L EXAR-SP3490CN-L Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490CN-L/TR EXAR-SP3490CN-L/TR Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results

Similar Description - SP3490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Analog Devices
ADM488 AD-ADM488 Datasheet
212Kb / 12P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV.0
logo
Sipex Corporation
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Analog Devices
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
SP3490EN-L EXAR-SP3490EN-L Datasheet
693Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Analog Devices
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com