Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3490 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3490
Description  3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3490 Datasheet(HTML) 5 Page - Sipex Corporation

  SP3490 Datasheet HTML 1Page - Sipex Corporation SP3490 Datasheet HTML 2Page - Sipex Corporation SP3490 Datasheet HTML 3Page - Sipex Corporation SP3490 Datasheet HTML 4Page - Sipex Corporation SP3490 Datasheet HTML 5Page - Sipex Corporation SP3490 Datasheet HTML 6Page - Sipex Corporation SP3490 Datasheet HTML 7Page - Sipex Corporation SP3490 Datasheet HTML 8Page - Sipex Corporation SP3490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Rev. 10/11/02
SP3490/3491 Low Power Full-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
SPECIFICATIONS
T
AMB = TMIN to TMAX and VCC = +3.3V ± 5% unless otherwise noted.
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SP3491 DRIVER
DC Characteristics
Differential Output Voltage
GND
V
CC
Volts
Unloaded; R = ∞; Figure 1
Differential Output Voltage
2
V
CC
Volts
With Load; R = 50Ω; (RS-422);
Figure 1
Differential Output Voltage
1.5
V
CC
Volts
With Load; R = 27Ω; (RS-485); Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complimentary States
0.2
Volts
R = 27Ω or R = 50Ω; Figure 1
Driver Common-Mode
Output Voltage
3
Volts
R = 27Ω or R = 50Ω; Figure 1
Input HIGH Voltage
2.0
Volts
Applies to D, REB, DE
Input LOW Voltage
0.8
Volts
Applies to D, REB, DE
Input Current
+10
µA
Applies to D, REB, DE
Driver Short-Circuit Current
V
OUT = HIGH
+250
mA
-7V < V
O < +12V
V
OUT = LOW
+250
mA
-7V < V
O < +12V
SP3491 DRIVER
AC Characteristics
Maximum Data Rate
10
Mbps
Driver Input to Output, t
PLH
20
40
60
ns
Figures 2 and 8
Driver Input to Output, t
PHL
20
40
60
ns
Figures 2 and 8
Differential Driver Skew
2
ns
t
PHL(Y) - tPLH(Y) , tPHL(Z) - tPLH(Z) ,
Figures 2 and 8
Driver Rise or Fall Time
5
20
ns
From 10% to 90%;
Figures 3 and 9
Driver Enable to Output HIGH
52
120
ns
Figures 4 and 10
Driver Enable to Output LOW
60
120
ns
Figures 5 and 10
Driver Disable from LOW
40
120
ns
Figures 5 and 10
Driver Disable from HIGH
60
120
ns
Figures 4 and 10
NOTE 1: The input pulse is supplied by a generator with the following characteristics:
PRR=250KHz, 50% duty cycle, t
r < 6.0ns, Z0=50Ω.
NOTE 2: C
L includes probe and stray capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com