Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3490 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3490
Description  3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3490 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3490 Datasheet HTML 3Page - Sipex Corporation SP3490 Datasheet HTML 4Page - Sipex Corporation SP3490 Datasheet HTML 5Page - Sipex Corporation SP3490 Datasheet HTML 6Page - Sipex Corporation SP3490 Datasheet HTML 7Page - Sipex Corporation SP3490 Datasheet HTML 8Page - Sipex Corporation SP3490 Datasheet HTML 9Page - Sipex Corporation SP3490 Datasheet HTML 10Page - Sipex Corporation SP3490 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Rev. 10/11/02
SP3490/3491 Low Power Full-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
Figure 14. Pinout for the SP3491
Figure 13. Pinout for the SP3490
PIN FUNCTION - SP3490
Pin 1 - V
CC - Positive supply +3.00 < VCC < +3.60
Pin 2 - R - Receiver output.
Pin 3 - D - Driver input.
Pin 4 - GND - Ground connection.
Pin 5 - Y - Non-inverting driver output.
Pin 6 - Z - Inverting driver output.
Pin 7 - B - Inverting receiver input.
Pin 8 - A - Non-inverting receiver input.
PIN FUNCTION - SP3491
Pin 1 - NC - No connect.
Pin 2 - R - Receiver output.
Pin 3 - REB - Receiver output enable active LOW.
Pin 4 - DE - Driver output enable active HIGH.
Pin 5 - D - Driver input.
Pin 6 - GND - Ground connection.
Pin 7 - GND - Ground connection.
Pin 8 - NC - No connect.
Pin 9 - Y - Non-inverting driver output.
Pin 10 - Z - Inverting driver output.
Pin 11 - B - Inverting receiver input.
Pin 12 - A - Non-inverting receiver input.
Pin 13 - NC - No connect.
Pin 14 - V
CC - Positive supply +3.00 < VCC< +3.60
6
1
2
3
4
5
7
8
Vcc
GND
R
D
A
B
Z
Y
R
D
9
10
11
12
13
14
NC
REB
DE
GND
NC
NC
1
2
3
4
5
6
7
8
R
D
Vcc
GND
R
D
A
B
Z
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com