Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3490 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3490
Description  3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3490 Datasheet(HTML) 4 Page - Sipex Corporation

  SP3490 Datasheet HTML 1Page - Sipex Corporation SP3490 Datasheet HTML 2Page - Sipex Corporation SP3490 Datasheet HTML 3Page - Sipex Corporation SP3490 Datasheet HTML 4Page - Sipex Corporation SP3490 Datasheet HTML 5Page - Sipex Corporation SP3490 Datasheet HTML 6Page - Sipex Corporation SP3490 Datasheet HTML 7Page - Sipex Corporation SP3490 Datasheet HTML 8Page - Sipex Corporation SP3490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev. 10/11/02
SP3490/3491 Low Power Full-Duplex RS485 Transceivers
© Copyright 2002 Sipex Corporation
4
Figure 7. Receiver Enable and Disable Timing Circuit
Figure 8. Driver Propagation Delay Waveforms
Figure 9. Driver Differential Output Delay and
Transition Time Waveforms
Figure 10. Driver Enable and Disable Timing Waveforms
Figure 11. Receiver Propagation Delay Waveforms
1.5V
-1.5V
S3
VID
GENERATOR
(NOTE 1)
50Ω
CL = 15pF
(NOTE 2)
R
1k
S1
S2
VCC
0V
VOH
tPLH
tPHL
VOM
tPHL
tPLH
3V
VOL
VOH
1.5V
1.5V
INPUT
Y OUTPUT
VOM
Z OUTPUT
VOL
VOM
VOM
VOM = V
OH
+ VOL
2
≈ 1.5V
3V
0V
VCC
tRPLH
1.5V
tRPHL
VOM
VOM
0V
1.5V
INPUT
OUTPUT
VOM = V
CC
2
IN
1.5V
tDPLH
1.5V
tDPHL
3V
0V
OUT
50%
50%
10%
10%
90%
90%
tR
tF
2.0V
-2.0V
0V
VOH
tPZH
0.25V
tPHZ
VOM
tPZL
tPLZ
3V
VOL
VCC
1.5V
1.5V
DE
OUTPUT
HIGH
VOM
0.25V
0V
OUTPUT
LOW
VOM = V
OH
+ VOL
2
≈ 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com