Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4490 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4490
Description  Two Panel Electroluminscent Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4490 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4490 Datasheet HTML 1Page - Sipex Corporation SP4490 Datasheet HTML 2Page - Sipex Corporation SP4490 Datasheet HTML 3Page - Sipex Corporation SP4490 Datasheet HTML 4Page - Sipex Corporation SP4490 Datasheet HTML 5Page - Sipex Corporation SP4490 Datasheet HTML 6Page - Sipex Corporation SP4490 Datasheet HTML 7Page - Sipex Corporation SP4490 Datasheet HTML 8Page - Sipex Corporation SP4490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 9/12/00
SP4490 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
1
s Single IC Drives 2 EL Lamps
Independently For Backlighting:
• Cell Phone Keypad & LCD
• Multi-Color EL Lamps
• Multi-Segment EL Lamps
s Control Over Lamp-A & Lamp-B For
Independent Operation
s +2.2V to +6.0V Battery Operation
s Single Coil Used To Generate High
Voltage AC Outputs
s Low Power Standby Mode Draws 100nA
Typical Current
s A Single Resistor Controls the Internal
Oscillator
s DC-AC Inverter Produces Up To 220V
PP
s Space-Saving 10
µSOIC Package
DESCRIPTION
The SP4490 electroluminescent lamp driver provides designers of cell phones PDA's and
other handheld, portable electronic devices with an integrated solution for driving two EL
lamps independently. The SP4490 reduces system cost, component count and board space
requirements over a discrete 2-EL driver approach. The EL lamps operate in opposite phase
so the SP4490 can be easily implemented in applications driving multi-color or multi-segment
EL lamps. The SP4490 operates from a +2.2V to +6.0V battery source. The device features
a low power standby mode which draws less than 1
µA. The frequency of the internal oscillator
is set using a single external resistor. A single external inductor is required to generate the
high voltage AC outputs to drive the EL lamps. All input pins are ESD protected with internal
diodes to V
DD and VSS.
ROSC
VDD
ELcommon
EL1
1
2
3
4
7
8
9
10
VSS
5
EL2
COIL
6
CAP
SP4490
EL1/EL2
ON/OFF
SP4490
Two Panel Electroluminscent Lamp Driver
APPLICATIONS
s Cellular Phones
s PDA's
s Handheld GPS Units
s Security Systems
s POS Terminals
®


Similar Part No. - SP4490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4491 SIPEX-SP4491 Datasheet
155Kb / 13P
Two Panel Electroluminscent Lamp Driver
SP4491EU SIPEX-SP4491EU Datasheet
155Kb / 13P
Two Panel Electroluminscent Lamp Driver
SP4491UEB SIPEX-SP4491UEB Datasheet
155Kb / 13P
Two Panel Electroluminscent Lamp Driver
More results

Similar Description - SP4490

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4480 SIPEX-SP4480 Datasheet
128Kb / 13P
Dual Electroluminscent Lamp Driver
SP4491 SIPEX-SP4491 Datasheet
155Kb / 13P
Two Panel Electroluminscent Lamp Driver
logo
Melexis Microelectronic...
US62 MELEXIS-US62 Datasheet
408Kb / 11P
Two-coil fan driver
logo
Gamewell-FCI by Honeywe...
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
TWO-ZONE PANEL
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
Two-coil Fan Driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
Two-coil Fan Driver
logo
PARA LIGHT ELECTRONICS ...
AP1514-220V-26W-V0 PARALIGHT-AP1514-220V-26W-V0 Datasheet
97Kb / 3P
LED Lamp Panel
AP1514-220V-33W-V1 PARALIGHT-AP1514-220V-33W-V1 Datasheet
89Kb / 3P
LED Lamp Panel
logo
Marl International Limi...
525-095-21-50 MARL-525-095-21-50 Datasheet
293Kb / 1P
RGB PANEL LAMP
logo
Cooper Bussmann, Inc.
HPS2 COOPER-HPS2 Datasheet
64Kb / 1P
Two Pole Panel-Mount Fuseholder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com