Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4490 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4490
Description  Two Panel Electroluminscent Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4490 Datasheet(HTML) 5 Page - Sipex Corporation

  SP4490 Datasheet HTML 1Page - Sipex Corporation SP4490 Datasheet HTML 2Page - Sipex Corporation SP4490 Datasheet HTML 3Page - Sipex Corporation SP4490 Datasheet HTML 4Page - Sipex Corporation SP4490 Datasheet HTML 5Page - Sipex Corporation SP4490 Datasheet HTML 6Page - Sipex Corporation SP4490 Datasheet HTML 7Page - Sipex Corporation SP4490 Datasheet HTML 8Page - Sipex Corporation SP4490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev. 9/12/00
SP4490 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
5
Figure 2: Typical Application Circuit of SP4490
ROSC
VSS
COIL
CAP
SP4490
VBATT
C1
0.1
µF
ROSC
464k
Ω
L1
470
µH
6
2
3
1
7
5
EL1/EL2
D1
1N4148
CINT
1800pF
VDD
ELcommon
EL1
EL Lamp
9
10
C2*
10nF
4
ON/OFF
* optional device
EL2
8
EL Lamp
Electroluminescent backlighting is ideal when
used with LCD displays, keypads or other back-
lit readouts. EL lamps uniformly light an area
without creating any undesirable "hot spots" in
the display. Also, an EL lamp typically con-
sumes less power that LED's or incandescent
bulbs in similar lighting situations. These fea-
tures make EL ideal for attractive, battery pow-
ered products.
THEORY OF OPERATION
Coil Switch
The SP4490 has an inductor-based boost con-
verter to generate the high voltage used to drive
the EL lamp. Energy is stored in the inductor
according to the equation E
L = 1/2 (LIpk
2) where
I
pk = (tON) (VBATT - VCEsat) /L. An internal oscilla-
tor controls the coil switch. During the time the
coil switch is on, the coil is connected between
V
DD and the saturation voltage of the
coil switch is on, the coil is connected between
V
DD and coil switch and a magnetic field devel-
ops in the coil. When the coil switch turns off,
the switch opens, the magnetic field collapses
and the voltage across the coil rises. The internal
diode forward biases when the coil voltage rises
above the H-Bridge voltage and the energy en-
ters the EL lamp.
Each pulse increases the
As the voltage approaches its maximum, the
steps become smaller. (see figure 4).
The brightness of the EL lamp output is directly
related to energy recovery in the boost converter.
There are many variations among coils such as
magnetic core differences, winding differences
and parasitic capacitances. For suggested coil
suppliers refer to page 10.
Oscillator
The internal oscillator generates a high frequency
clock used by the boost converter and H-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com