Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4490 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4490
Description  Two Panel Electroluminscent Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4490 Datasheet(HTML) 4 Page - Sipex Corporation

  SP4490 Datasheet HTML 1Page - Sipex Corporation SP4490 Datasheet HTML 2Page - Sipex Corporation SP4490 Datasheet HTML 3Page - Sipex Corporation SP4490 Datasheet HTML 4Page - Sipex Corporation SP4490 Datasheet HTML 5Page - Sipex Corporation SP4490 Datasheet HTML 6Page - Sipex Corporation SP4490 Datasheet HTML 7Page - Sipex Corporation SP4490 Datasheet HTML 8Page - Sipex Corporation SP4490 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. 9/12/00
SP4490 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
4
COIL
SP4490
fCOIL
fLAMP1
fLAMPCOM
SCR1
SCR2
EL1
VSS
VDD
SCR3
EL2
ELcommon
FF7
OSC
fLAMP2
ROSC
CAP
EL1/EL2
ON/OFF
VDD
SEL
IN 0
1
6
7
7
8
10
5
1
4
2
3
DESCRIPTION
The SP4490 electroluminescent lamp driver pro-
vides designers of cell phones, PDA's and other
handheld, portable electronic devices with an
integrated solution for driving two EL lamps
independently.
The SP4490 reduces system
cost, component count and board space require-
ments over a discrete 2 EL driver approach. The
EL lamp operates in opposite phase so the SP4490
can be easily implemented in applications driv-
ing multi-color or multi-segment EL lamps. The
SP4490 operates from a +2.2V to +6.0V battery
source. The device features a low power standby
mode that draws less than 1mA. The frequency
of the internal oscillator is set using a single
external resistor. A single external inductor is
required to generate the high voltage AC outputs
to drive the EL lamps. All input pins are ESD
protected with internal diodes to V
DD and VSS.
The SP4490 contains a DC-AC inverter that can
produce an AC output of 180V
PP (typical) from
a 3.0V input voltage. An internal block diagram
of the SP4490 can be found in Figure 1.
Electroluminescent Technology
An EL lamp consists of a thin layer of phospho-
rous material sandwiched between two strips of
plastic which emits light (flouresces) when a
high voltage AC signal is applied across it. It
behaves primarily as a capacitive load. Long
periods of DC voltage applied to the material
tend to reduce its lifetime. With these conditions
in mind, the ideal signal to drive an EL lamp is a
high voltage sine wave. Traditional approaches
to achieve this type of waveform include discrete
circuits incorporating a transformer, transistors
and several resistors and capacitors.
This approach is large and bulky and cannot be
implemented in most handheld equipment. Sipex
offers low power single chip driver circuits spe-
cifically designed to drive small to medium sized
electroluminescent panels. Sipex EL drivers
provide a differential AC voltage without a DC
offset to maximize EL lamp lifetime. The only
additional components required for the EL driver
circuitry are an inductor, resistor and capacitor.
Figure 1: Internal Block Diagram of SP4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com