Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP4490 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP4490
Description  Two Panel Electroluminscent Lamp Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4490 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP4490 Datasheet HTML 3Page - Sipex Corporation SP4490 Datasheet HTML 4Page - Sipex Corporation SP4490 Datasheet HTML 5Page - Sipex Corporation SP4490 Datasheet HTML 6Page - Sipex Corporation SP4490 Datasheet HTML 7Page - Sipex Corporation SP4490 Datasheet HTML 8Page - Sipex Corporation SP4490 Datasheet HTML 9Page - Sipex Corporation SP4490 Datasheet HTML 10Page - Sipex Corporation SP4490 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Rev. 9/12/00
SP4490 Two Panel Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
7
higher C
INT values can increase lamp brightness.
This is best determined by experimentation. A
rule of thumb is larger coils (1mH) are paired
with a smaller C
INT (680pF) and smaller coils
(470
µH) are paired with a larger C
INT (1800pF).
Changing the EL lamp Output Voltage
Waveform
Designers can alter the sawtooth output voltage
waveform to the EL lamp. Increasing the capaci-
tance of the integration capacitor, C
INT, will inte-
grate the sawtooth waveform making it appear
more like a square wave.
Printed Circuit Board Layout Sugges-
tions
The EL driver's high-frequency operation makes
PCB layout important for minimizing electrical
noise. Keep the IC's GND pin and the ground
leads of C1 and C
INT less than 0.2in (5mm) apart.
Also keep the connections to the COIL pin as
short as possible. To maximize output power
and efficiency and minimize output ripple volt-
age, use a ground plane and solder the IC's VSS
pin directly to the ground plane.
EL Lamp Driver Design Challenges
There are many variables which can be opti-
mized for specific applications. The amount of
light emitted is a function of the voltage applied
to the lamp, the frequency at which is applied, the
lamp material, the lamp size, and the inductor
used. Sipex supplies characterization charts to
aid the designer in selecting the optimum circuit
configuration.
Sipex will perform customer application evalu-
ations, using the customer's actual EL lamp to
determine the optimum operating conditions for
specific applications. For customers consider-
ing an EL backlighting solution for the first time,
Sipex is able to provide retrofits to non-backlit
products for a thorough electrical and cosmetic
evaluation. Please contact your local Sipex sales
Representative or the Sipex factory directly to
initiate this valuable service.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com